Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2T Datasheet (PDF) - Bogen Communications LLC

A2T Datasheet PDF - Bogen Communications LLC
Part # A2T
Download  A2T Download
File Size   1039.91 Kbytes
Page   4 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description A-Series All-Environment Loudspeakers

A2T Datasheet (PDF)

Go To PDF Page Download Datasheet
A2T Datasheet PDF - Bogen Communications LLC

Part # A2T
Download  A2T Click to download

File Size   1039.91 Kbytes
Page   4 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description A-Series All-Environment Loudspeakers

A2T Datasheet (HTML) - Bogen Communications LLC


A2T Product details

Features
• Indoor and outdoor all-weather speaker with
fully-sealed cabinet
• Available versions: 8-ohm and 70V
• Available colors: black and white
• Metal-alloy MDT mid/bass speaker cone delivers natural
sound with ultra-low distortion
• Extremely stable, long-lasting MDT cone structure
• High efficiency and power handling for optimum
performance
• Dual-layer voice coil with separate inner and outer
windings for high output with ultra-low distortion
• MLS fluid voice coil suspension replaces
distortion-causing mechanical spider
• Compound rubber surrounds resist UV rays
and salt spray
• Gold-plated, rust-proof connectors
• High-density, injection-molded cabinet resists
chipping and scratching
• Low-resonance cabinet structure
• Easy-to-grasp multi-faceted mounting brackets
with 180o swivel
• Easy to grip, oversized mounting knobs
• Brackets mount with knobs attached for easier
and safer installation in hard-to-reach locations
• Heavy-gauge aluminum bracket
• Corrosion-resistant driver frame & mounting
hardware
• Attractive styling with “Armadillo” ridges for stiffness
• Coaxial speaker system
Description
Bogen’s A-Series "Armadillo" loudspeakers feature unique technologies
that improve sound quality and operating reliability.
Attractively styled, they are engineered for both indoor and outdoor
applications. The compact A2 models are designed for smaller
spaces. Its high audio intelligibility and superb articulation make it
ideal for music or paging applications. The A2 model also features
MDT (Metal Diaphragm Technology) and MLS (Magnetic Liquid
Suspension).
MDT (Metal Diaphragm Technology):
• High rigidity and low mass of metal versus traditional papers
and plastics
• Extremely stable cone structure over long periods of time
• Fast transmission of sound through the diaphragm means low
energy storage
• Special anodizing process creates a ceramic coating for
increased stiffness
• Efficient heat-sinking of voice coils under long-term,
high-power situations
MLS (Magnetic Liquid Suspension):
• Voice coil is constantly centered for lower distortion
• Voice coil is more efficiently heat-sinked by fluid instead of air
• Greater linearity is accomplished because the mechanical
spider is eliminated
• Constant lubrication of the gap prevents oxidation from
outdoor use




Similar Part No. - A2T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results


Similar Description - A2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7401 STMICROELECTRONICS-TDA7401 Datasheet
68Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Jan-1999
TDA7435 STMICROELECTRONICS-TDA7435 Datasheet
90Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Nov-1996
logo
NTE Electronics
NTE7165 NTE-NTE7165 Datasheet
31Kb / 3P
DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers
logo
List of Unclassifed Man...
4642 ETC2-4642 Datasheet
100Kb / 1P
Loudspeakers and Accessories
QH16T ETC2-QH16T Datasheet
13Mb / 1P
INDIVIDUAL LOUDSPEAKERS
logo
ORION FANS
OA2543 ORIONFANS-OA2543 Datasheet
298Kb / 1P
AC - Harsh Environment
logo
JMK Inc.
ZF-1072D-10 JMK-ZF-1072D-10 Datasheet
78Kb / 1P
designed to operate in a military environment.
ZF-1072D-10B JMK-ZF-1072D-10B Datasheet
80Kb / 1P
designed to operate in a military environment.
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
ORION FANS
OA162AP-11-1WB ORIONFANS-OA162AP-11-1WB Datasheet
310Kb / 1P
AC - Harsh Environment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com