Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2T Datasheet(PDF) 2 Page - Bogen Communications LLC

Part # A2T
Description  A-Series All-Environment Loudspeakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

A2T Datasheet(HTML) 2 Page - Bogen Communications LLC

  A2T Datasheet HTML 1Page - Bogen Communications LLC A2T Datasheet HTML 2Page - Bogen Communications LLC A2T Datasheet HTML 3Page - Bogen Communications LLC A2T Datasheet HTML 4Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical
Specifications
The loudspeaker shall be a Bogen Model A2 (8-ohm)
or Model A2T (70V) with a power handling capacity of
100W (8-ohm) or 16W (70V), or approved equivalent,
loudspeaker consisting of one 6-inch nominal low
frequency transducer, one 1/2-inch nominal high
frequency transducer mounted coaxially, with a filter
network for dividing frequencies between the transducers.
A weather-tight enclosure shall house all components.
The enclosure shall be constructed from an injection-
molded, high density (30% or greater), mineral-filled
polypropylene material compounded with UV inhibitors.
Two molded-in colors shall be made available (Black
and White). Perforated speaker grilles shall be made
from heavy-gauge PVC, color-matched to the enclo-
sure.
The low frequency driver shall utilize a metal-alloy
cone with deep-anodized surface treatment for rigidity
and corrosion resistance. The cone shall provide
a heat transfer element for the voice coil under high
power input. Compounded rubber cone surrounds
shall be formulated to withstand all-environment
installations, including salt spray, ultraviolet light (UV),
heat, cold, and constant humidity. The voice coil will be
centered via a high gauss, low viscosity magnetic fluid
(ferrofluid), which increases the heat transfer rate from
the voice coil under long-term, high-power use. The
magnetic fluid shall prevent corrosion from occurring
in the magnet gap.
The high frequency driver shall utilize an environmen-
tally stable polycarbonate diaphragm. Ferrofluid shall
dampen the voice coil and assist in the heat transfer for
higher power capability.
Environmental testing shall ensure long-term operation
in any weather. Specifications shall meet or exceed
Mil-Std-810E Test Methods for Temperature, Humidity,
Ultraviolet Light, and Salt Spray.
The mounting bracket shall be designed with multiple
angles to facilitate installation in corners or when angu-
lation is required. An integral safety strap mounting
point shall be included. The loudspeaker shall rotate,
on its axis, a minimum of 180o. The bracket shall be
formed from heavy-gauge aluminum (minimum 3mm
thick), and finished with a scratch-resistant paint (color-
matched to the enclosure).
The input connectors for 8-ohm and 70-volt systems
shall be gold-plated screws with integral clamping
washers.
Dimensions of each speaker shall not exceed
9" Wide x 8" Diameter x 8-1/4" Deep (with knob &
bracket). Product weight shall not exceed 8 lb. (A2), or
10 lb. (A2T).
Architect & Engineer
Specifications
MODEL NUMBER
A2
A2T
Frequency Response (-10 dB)*
58 Hz to 17 kHz
LF Driver
6" MDT Metal-Alloy Cone
HF Driver
1/2" Polycarbonate
Sensitivity (1W/1m, 8-ohm)
88 dBspl
Impedance
8-ohm
70V
Power Handling
100W
16W
Additional Taps
-
8W, 4W
Product Weight
8 lb.
10 lb.
Cabinet Material
Mineral-Filled Polypropylene, UV-inhibited
Speaker Dimensions
9" W x 8" dia. x 8-1/4" D (with knob & bracket)
Terminations
Gold-Plated, Rust-Proof Barrier Strip
Environmental
Designed to meet or exceed Mil-Std-810E
Included Accessories
Color-Matched Aluminum Mounting Bracket
Cabinet Color
Black or White
* Half-Space Responses



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com