Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2PMD Datasheet (PDF) - Speco Technologies.

AP2PMD Datasheet PDF - Speco Technologies.
Part # AP2PMD
Download  AP2PMD Download
File Size   266.0 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description 5.8 GHz Wireless Point to Point with Built-in PoE

AP2PMD Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2PMD Datasheet PDF - Speco Technologies.

Part # AP2PMD
Download  AP2PMD Click to download

File Size   266.0 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description 5.8 GHz Wireless Point to Point with Built-in PoE

AP2PMD Datasheet (HTML) - Speco Technologies.


AP2PMD Product details

Features
•2-in-1 Wireless bridge and PoE switch
•5*10/100Mbps RJ45 port
•Supports DC 12-52V or POE 48-56V input
•Supports RS-485 signal control
•Supports IEEE 802.11 a/n protocol
•Wireless speed up to 300Mbps
•5.8G wireless bridge transmission distance can reach 1.5 miles in ideal conditions
•Professional outdoor shell design, IP55 dustproof and water resistant protection level
•Dual PoE Output




Similar Part No. - AP2PMD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP2P02AL APME-AP2P02AL Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP2P03DW APME-AP2P03DW Datasheet
784Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP2P052N A-POWER-AP2P052N Datasheet
74Kb / 6P
Surface Mount Device
logo
A POWER MICROELECTRONIC...
AP2P15LI APME-AP2P15LI Datasheet
1Mb / 7P
-150V P-Channel Enhancement Mode MOSFET
AP2P15MI APME-AP2P15MI Datasheet
1Mb / 7P
-150V P-Channel Enhancement Mode MOSFET
More results


Similar Description - AP2PMD

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6110 LVL1-WAP-6110 Datasheet
420Kb / 4P
300Mbps Wireless PoE Access Point
EAP-200 LVL1-EAP-200 Datasheet
701Kb / 3P
300Mbps Wireless Dual-PoE Managed Access Point
WAB-5120 LVL1-WAB-5120 Datasheet
193Kb / 4P
300Mbps 5G Wireless Outdoor PoE Access Point / Bridge
WAB-6120 LVL1-WAB-6120 Datasheet
406Kb / 3P
150Mbps Wireless Outdoor PoE Access Point
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
logo
Level One
WAP-8111 LVL1-WAP-8111 Datasheet
481Kb / 4P
Dual Band PoE Wireless Access Point
WAP-8122 LVL1-WAP-8122 Datasheet
537Kb / 4P
Dual Band PoE Wireless Access Point
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com