Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2PMD Datasheet(PDF) 1 Page - Speco Technologies.

Part # AP2PMD
Description  5.8 GHz Wireless Point to Point with Built-in PoE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

AP2PMD Datasheet(HTML) 1 Page - Speco Technologies.

  AP2PMD Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.8 GHz Wireless Point to Point with Built-in PoE
AP2PMD
Wireless Link with PoE
Features
• 2-in-1 Wireless bridge and PoE switch
• 5*10/100Mbps RJ45 port
• Supports DC 12-52V or POE 48-56V input
• Supports RS-485 signal control
• Supports IEEE 802.11 a/n protocol
• Wireless speed up to 300Mbps
• 5.8G wireless bridge transmission distance can reach 1.5 miles in
ideal conditions
• Professional outdoor shell design, IP55 dustproof and water
resistant protection level
• Dual PoE Output
®
Access Point
AP2PMD
NDAA
COMPLIANT
Products are in compliance with NDAA Section 889 Part B Guidelines. ONVIF® is a trademark of Onvif, Inc. Chrome® and Firefox® use Java™, which requires an initial internet connection.
Apple® and the Apple logo® are trademarks of Apple Inc., registered in the U.S. and other countries. App Store® is a service mark of Apple Inc. Android™ is a trademark of Google LLC.
Google Play® and the Google Play logo® are trademarks of Google LLC. Amazon® is a trademark of Amazon.com, Inc. or its affiliates, used under license. Speco Technologies® is constantly
developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation.
Revised 7/11/25
Specifications
Model
Specification
Port
5*10/100Mbps RJ45 Port (IEEE 802.3u)
1*DC Interface (DC input voltage is 48-52V)
Wireless Protocals
IEEE802.11n, IEEE802.11a
PoE Out
IEEE802.3af (15W), IEEE802.3at (30W)
Power
Power Input Voltage:DC 12-52V / POE 48-56V
Maximum Power of the Single Port :25W (Requires 60W power supply)
802.11a
Up to 54 Mbps
802.11n
Up to 300 Mbps
Management
WEP Management
SNMP MIB
Telnet
Serial
MAC Address Control
No, WEP Encryption 64/128bits, WPA,WPA2,802.1x
Operating Temperature
-22F - 140F
Storage Temperature
-58F - 170F
Humidity (non-condensed)
≤ 95% (non-condensed)
Dimensions
Size: 8.98in x 5.31in x 1.69in
Weight: 1.0lbs


Similar Part No. - AP2PMD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP2P02AL APME-AP2P02AL Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP2P03DW APME-AP2P03DW Datasheet
784Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP2P052N A-POWER-AP2P052N Datasheet
74Kb / 6P
Surface Mount Device
logo
A POWER MICROELECTRONIC...
AP2P15LI APME-AP2P15LI Datasheet
1Mb / 7P
-150V P-Channel Enhancement Mode MOSFET
AP2P15MI APME-AP2P15MI Datasheet
1Mb / 7P
-150V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP2PMD

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6110 LVL1-WAP-6110 Datasheet
420Kb / 4P
300Mbps Wireless PoE Access Point
EAP-200 LVL1-EAP-200 Datasheet
701Kb / 3P
300Mbps Wireless Dual-PoE Managed Access Point
WAB-5120 LVL1-WAB-5120 Datasheet
193Kb / 4P
300Mbps 5G Wireless Outdoor PoE Access Point / Bridge
WAB-6120 LVL1-WAB-6120 Datasheet
406Kb / 3P
150Mbps Wireless Outdoor PoE Access Point
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
logo
Level One
WAP-8111 LVL1-WAP-8111 Datasheet
481Kb / 4P
Dual Band PoE Wireless Access Point
WAP-8122 LVL1-WAP-8122 Datasheet
537Kb / 4P
Dual Band PoE Wireless Access Point
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com