Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSC1 Datasheet (PDF) - Speco Technologies.

APSC1 Datasheet PDF - Speco Technologies.
Part # APSC1
Download  APSC1 Download
File Size   234.95 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description Clamshell Proximity Card

APSC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
APSC1 Datasheet PDF - Speco Technologies.

Part # APSC1
Download  APSC1 Click to download

File Size   234.95 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description Clamshell Proximity Card

APSC1 Datasheet (HTML) - Speco Technologies.


APSC1 Product details

Features
•Up to 8in contactless read range
•Contactless Digital Radio Frequency Indentification (RFID) technology
•Frequency 125kHz
•Pack quantity: 25 cards
•Lifetime warranty
•NDAA Compliant*




Similar Part No. - APSC1

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
APSC1 SPECO-APSC1 Datasheet
457Kb / 1P
Mullion Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
408Kb / 1P
Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
372Kb / 1P
Mullion Proximity Reader & Keypad
10/14/25
APSC1 SPECO-APSC1 Datasheet
426Kb / 1P
Proximity Reader & Keypad
10/14/25
APSC1 SPECO-APSC1 Datasheet
483Kb / 1P
Contactless Proximity Reader
1/10/22
More results


Similar Description - APSC1

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC53-0484-100 YAMAICHI-IC53-0484-100 Datasheet
89Kb / 1P
LCC (TH - Clamshell)
logo
List of Unclassifed Man...
PA8023 ETC2-PA8023 Datasheet
31Kb / 1P
CRIMPALL 26-14 INS.TERMS. CLAMSHELL
logo
Ironwood Electronics.
CG-BGA-5023 IRONWOOD-CG-BGA-5023 Datasheet
493Kb / 7P
Hinged clamshell socket lid
CG-BGA-5024 IRONWOOD-CG-BGA-5024 Datasheet
301Kb / 4P
Hinged clamshell socket lid
CG-QFN-7006 IRONWOOD-CG-QFN-7006 Datasheet
378Kb / 4P
Hinged clamshell socket lid
CG-QFN-7008 IRONWOOD-CG-QFN-7008 Datasheet
296Kb / 4P
Hinged clamshell socket lid
CG-QFN-7010 IRONWOOD-CG-QFN-7010 Datasheet
436Kb / 6P
Hinged clamshell socket lid
CG-QFN-7011 IRONWOOD-CG-QFN-7011 Datasheet
296Kb / 4P
Hinged clamshell socket lid
GT-BGA-2024 IRONWOOD-GT-BGA-2024 Datasheet
309Kb / 4P
Hinged clamshell socket lid
GT-QFN-3000 IRONWOOD-GT-QFN-3000 Datasheet
219Kb / 4P
Clamshell lid design
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com