Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSC1 Datasheet(PDF) 1 Page - Speco Technologies.

Part # APSC1
Description  Clamshell Proximity Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

APSC1 Datasheet(HTML) 1 Page - Speco Technologies.

  APSC1 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•Up to 8in contactless read range
•Contactless Digital Radio Frequency Indentification (RFID) technology
•Frequency 125kHz
•Pack quantity: 25 cards
•Lifetime warranty
•NDAA Compliant*
Clamshell Proximity Card
APSC1
clamshell proximity card
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 1/19/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Technical Specification
Technology
Proximity
Frequency
125 kHz
Operation
Passive (no battery)
Type
Clamshell card
Formats
Wiegand 26-bit
Material
ABS
Color
Off-White
Slot Punch
Standard, vertical slot
Marking
Date code and ID
Read Range
Up to 8in (202mm)
Warranty
Lifetime warranty
Dimensions
2.2” W x 3.4” H x 0.06” D (56mm x 86mm x 1.5mm)
Weight
0.3oz (9g)
Operating Temperature
-35°F to 122°F (-37°C to 50°C)
Humidity
0-95% non-condensing
Supporting Readers
AP300HA, AP500HA, AP620HA, AP640HA
ACS
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - APSC1

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
APSC1 SPECO-APSC1 Datasheet
457Kb / 1P
Mullion Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
408Kb / 1P
Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
372Kb / 1P
Mullion Proximity Reader & Keypad
10/14/25
APSC1 SPECO-APSC1 Datasheet
426Kb / 1P
Proximity Reader & Keypad
10/14/25
APSC1 SPECO-APSC1 Datasheet
483Kb / 1P
Contactless Proximity Reader
1/10/22
More results

Similar Description - APSC1

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC53-0484-100 YAMAICHI-IC53-0484-100 Datasheet
89Kb / 1P
LCC (TH - Clamshell)
logo
List of Unclassifed Man...
PA8023 ETC2-PA8023 Datasheet
31Kb / 1P
CRIMPALL 26-14 INS.TERMS. CLAMSHELL
logo
Ironwood Electronics.
CG-BGA-5023 IRONWOOD-CG-BGA-5023 Datasheet
493Kb / 7P
Hinged clamshell socket lid
CG-BGA-5024 IRONWOOD-CG-BGA-5024 Datasheet
301Kb / 4P
Hinged clamshell socket lid
CG-QFN-7006 IRONWOOD-CG-QFN-7006 Datasheet
378Kb / 4P
Hinged clamshell socket lid
CG-QFN-7008 IRONWOOD-CG-QFN-7008 Datasheet
296Kb / 4P
Hinged clamshell socket lid
CG-QFN-7010 IRONWOOD-CG-QFN-7010 Datasheet
436Kb / 6P
Hinged clamshell socket lid
CG-QFN-7011 IRONWOOD-CG-QFN-7011 Datasheet
296Kb / 4P
Hinged clamshell socket lid
GT-BGA-2024 IRONWOOD-GT-BGA-2024 Datasheet
309Kb / 4P
Hinged clamshell socket lid
GT-QFN-3000 IRONWOOD-GT-QFN-3000 Datasheet
219Kb / 4P
Clamshell lid design
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com