Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC11018 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC11018 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMVC11018
Download  FMVC11018 Download
File Size   882.33 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch SMT (Surface Mount), Frequency of 1.2 GHz to 1.8 GHz, Phase Noise -89 dBc/Hz

FMVC11018 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMVC11018 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMVC11018
Download  FMVC11018 Click to download

File Size   882.33 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch SMT (Surface Mount), Frequency of 1.2 GHz to 1.8 GHz, Phase Noise -89 dBc/Hz

FMVC11018 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC11018 Product details

Features
• -89 dBc/Hz @ 10 kHz offset.  Supply Voltage is +15V with a generated output
• power level of +11.0 dBm and 2nd harmonic output of -12 dBc typical.  The
• assembly is RoHs compliant and available in a compact 0.5 inch SMT package
• with an industry standard mounting footprint.  The bottom surface is copper clad
• with 2-5 micro inches of immersion Gold over 150 - 250 micro inches of Electro
• less Nickel which makes it resistant to oxidation for ease of soldering. The VCO
• operates over a temperature range of -40°C to +85°C and is designed to meet a
• variety of MIL-STD-202 test conditions including Humidity, Shock, and Vibration.
Features
• 1200 to 1800 MHz Bandwidth
• -89 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 20v
• Pout = +11.0 dBm
• Harmonics = -12 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard
• Mounting Footprint
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC11018
• DATA SHEET




Similar Part No. - FMVC11018

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMVC11004 FAIRVIEW-FMVC11004 Datasheet
866Kb / 7P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 40 MHz to 80 MHz, Phase Noise -117 dBc/Hz
REV 1.0
FMVC11005 FAIRVIEW-FMVC11005 Datasheet
749Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 40 MHz to 100 MHz, Phase Noise -118 dBc/Hz
REV 1.0
FMVC11008 FAIRVIEW-FMVC11008 Datasheet
864Kb / 7P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 75 MHz to 150 MHz, Phase Noise -110 dBc/Hz
REV 1.0
FMVC11021 FAIRVIEW-FMVC11021 Datasheet
796Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 1.5 GHz to 2.5 GHz, Phase Noise -84 dBc/Hz
REV 1.0
FMVC11022 FAIRVIEW-FMVC11022 Datasheet
851Kb / 8P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 2 GHz to 2.75 GHz, Phase Noise -85 dBc/Hz
REV 1.0
More results


Similar Description - FMVC11018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11017 PASTERNACK-PE1V11017_16 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
PE1V11018 PASTERNACK-PE1V11018_16 Datasheet
669Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
PE1V11022 PASTERNACK-PE1V11022_16 Datasheet
657Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz With Phase Noise of -85 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025_16 Datasheet
582Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V14005 PASTERNACK-PE1V14005_16 Datasheet
988Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz to 2 GHz, Phase Noise of -100 dBc/Hz and 0.5 inch Package
PE1V11017 PASTERNACK-PE1V11017 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025 Datasheet
593Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V13013 PASTERNACK-PE1V13013 Datasheet
557Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Hermetic Package
PE1V14003 PASTERNACK-PE1V14003 Datasheet
898Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.6 GHz to 3.2 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Package
PE1V31011 PASTERNACK-PE1V31011 Datasheet
490Kb / 6P
Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com