Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMMIC3.5 Datasheet (PDF) - Speco Technologies.

CAMMIC3.5 Datasheet PDF - Speco Technologies.
Part # CAMMIC3.5
Download  CAMMIC3.5 Download
File Size   292.79 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description Line Level Microphone with 3.5mm Jack For Use With IP Cameras

CAMMIC3.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAMMIC3.5 Datasheet PDF - Speco Technologies.

Part # CAMMIC3.5
Download  CAMMIC3.5 Click to download

File Size   292.79 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description Line Level Microphone with 3.5mm Jack For Use With IP Cameras

CAMMIC3.5 Datasheet (HTML) - Speco Technologies.


CAMMIC3.5 Product details

Features
•Records audio for a CCTV camera
•Supports sensitivity at -65dB
•Includes an 18” DC jack/audio cable




Similar Part No. - CAMMIC3.5

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CAMMIC SPECO-CAMMIC Datasheet
354Kb / 1P
2-Way Audio Kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
352Kb / 1P
2-way audio kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
256Kb / 1P
High Impedance Line Level Microphone
1/20/22
CAMMIC2 SPECO-CAMMIC2 Datasheet
403Kb / 1P
Surface Mount Line Level Microphone
1/19/22
CAMMICW SPECO-CAMMICW Datasheet
460Kb / 1P
Weather-Resistant Line Level Microphone
1/20/22
More results


Similar Description - CAMMIC3.5

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ18BGK-550IS GSI-GS8673EQ18BGK-550IS Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ18BK-550IS GSI-GS8673EQ18BK-550IS Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ18BK-625IS GSI-GS8673EQ18BK-625IS Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ18BK-625S GSI-GS8673EQ18BK-625S Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ18BK-725S GSI-GS8673EQ18BK-725S Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ36BGK-625S GSI-GS8673EQ36BGK-625S Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673ED18BGK-550S GSI-GS8673ED18BGK-550S Datasheet
359Kb / 25P
For use with GSI SRAM Port IP
GS8673ED18BGK-725IS GSI-GS8673ED18BGK-725IS Datasheet
359Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ36BK-725S GSI-GS8673EQ36BK-725S Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
logo
OmniVision Technologies...
OV4689 OMNIVISION-OV4689 Datasheet
1Mb / 2P
IP Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com