Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMMIC3.5 Datasheet(PDF) 1 Page - Speco Technologies.

Part # CAMMIC3.5
Description  Line Level Microphone with 3.5mm Jack For Use With IP Cameras
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CAMMIC3.5 Datasheet(HTML) 1 Page - Speco Technologies.

  CAMMIC3.5 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•Records audio for a CCTV camera
•Supports sensitivity at -65dB
•Includes an 18” DC jack/audio cable
Line Level Microphone with 3.5mm Jack
For Use With IP Cameras
Features
Specifications
CAMMICS3.5
Support
Sensitivity
-65dB (±3dB@ 1 KHz)
Frequency Response
30Hz to 16KHz
Ports & Interfaces
Audio Output
1 x RCA Female Jack (2.2KΩ, 2V p-p)
Power Interface
1 x DC Plug
Power
Power Supply
DC 12V (±0.5V)
Power Consumption
10 mA
Ambient Temperature
Operation
14 to 113°F (-10 to 45°)
Storage
-22 to 140°F (-30 to 60°)
Humidity
Up to 95%
Physical Characteristics
Dimensions
2 x 0.6 x 0.6” (50 x 14 x 14mm) & 18” (450mm) Cable
Weight
0.08 Lbs (35g)
CAMMIC3.5
ONVIF is a trademark of Onvif, Inc. Chrome and Firefox use Java which requires an initial internet connection. Apple and the Apple logo are trademarks of
Apple Inc., registered in the U.S. and other countries. App Store is a service mark of Apple Inc. Android, Google Play and the Google Play logo are trademarks
of Google Inc. Amazon’s trademark is used under license from Amazon.com, Inc. or its affiliates. Speco Technologies is constantly developing and improving
products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 11/14/22
Apps available from the following:
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com


Similar Part No. - CAMMIC3.5

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CAMMIC SPECO-CAMMIC Datasheet
354Kb / 1P
2-Way Audio Kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
352Kb / 1P
2-way audio kit
Rev. 2/23/22
CAMMIC SPECO-CAMMIC Datasheet
256Kb / 1P
High Impedance Line Level Microphone
1/20/22
CAMMIC2 SPECO-CAMMIC2 Datasheet
403Kb / 1P
Surface Mount Line Level Microphone
1/19/22
CAMMICW SPECO-CAMMICW Datasheet
460Kb / 1P
Weather-Resistant Line Level Microphone
1/20/22
More results

Similar Description - CAMMIC3.5

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ18BGK-550IS GSI-GS8673EQ18BGK-550IS Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ18BK-550IS GSI-GS8673EQ18BK-550IS Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ18BK-625IS GSI-GS8673EQ18BK-625IS Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ18BK-625S GSI-GS8673EQ18BK-625S Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ18BK-725S GSI-GS8673EQ18BK-725S Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ36BGK-625S GSI-GS8673EQ36BGK-625S Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
GS8673ED18BGK-550S GSI-GS8673ED18BGK-550S Datasheet
359Kb / 25P
For use with GSI SRAM Port IP
GS8673ED18BGK-725IS GSI-GS8673ED18BGK-725IS Datasheet
359Kb / 25P
For use with GSI SRAM Port IP
GS8673EQ36BK-725S GSI-GS8673EQ36BK-725S Datasheet
368Kb / 25P
For use with GSI SRAM Port IP
logo
OmniVision Technologies...
OV4689 OMNIVISION-OV4689 Datasheet
1Mb / 2P
IP Cameras
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com