Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBS240 Datasheet (PDF) - Speco Technologies.

CBS240 Datasheet PDF - Speco Technologies.
Part # CBS240
Download  CBS240 Download
File Size   215.48 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description All-Weather Professional Communications Extension Speaker

CBS240 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBS240 Datasheet PDF - Speco Technologies.

Part # CBS240
Download  CBS240 Click to download

File Size   215.48 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description All-Weather Professional Communications Extension Speaker

CBS240 Datasheet (HTML) - Speco Technologies.


CBS240 Product details

Features
Our all weather professional marine communications speaker
has a 4” polypropylene cone. It features a 5 watt maximum
power rating at an 8 ohm impedance. It is encased in black
ABS plastic with stainless steel hardware, including an 180
degree deluxe adjustable bracket. A 10 foot cable and 3.5mm
miniature plug are also included. It is sold individually.




Similar Part No. - CBS240

ManufacturerPart #DatasheetDescription
logo
Clarke International
CBS2 CLARKE-CBS2 Datasheet
2Mb / 16P
BELT SANDER
GK0626 -Rev 7
logo
List of Unclassifed Man...
CBS2002403 ETC2-CBS2002403 Datasheet
120Kb / 3P
Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
CBS2002405 ETC2-CBS2002405 Datasheet
120Kb / 3P
Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
CBS2002412 ETC2-CBS2002412 Datasheet
120Kb / 3P
Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
CBS2002415 ETC2-CBS2002415 Datasheet
120Kb / 3P
Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
More results


Similar Description - CBS240

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7009 BOURNS-7009 Datasheet
54Kb / 1P
All-Weather Enclosure
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
Professional Tools for Professional Results
logo
OptoSupply Internationa...
OSW44TS4C1A-HCRI OPTOSUPPLY-OSW44TS4C1A-HCRI Datasheet
118Kb / 1P
Superior Weather-resistance
logo
Roithner LaserTechnik G...
PW5111A-Z3 ROITHNER-PW5111A-Z3 Datasheet
161Kb / 1P
superior weather-resistance
logo
Laird Tech Smart Techno...
SLJ LSTD-SLJ Datasheet
118Kb / 2P
Good weather resistance
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
logo
Rosenberger Hochfrequen...
SLWK101-C03 ROSENBERGER-SLWK101-C03 Datasheet
193Kb / 2P
Weather proofing kit
logo
SparkFun Electronics
DEV-12081 SPARKFUN-DEV-12081 Datasheet
106Kb / 1P
Weather Shield
logo
Humirel
DPP902S000 HUMIREL-DPP902S000 Datasheet
215Kb / 4P
MEAS WEATHER SHIELD
logo
3M Electronics
TAPE50 3M-TAPE50 Datasheet
84Kb / 4P
All-Weather Corrosion Protection
Rev C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com