Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBS240 Datasheet(PDF) 1 Page - Speco Technologies.

Part # CBS240
Description  All-Weather Professional Communications Extension Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CBS240 Datasheet(HTML) 1 Page - Speco Technologies.

  CBS240 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
5 Watts
4” Polyproplylene speaker
Max. Power: 5W
Impedance: 8 ohms
Weatherproof professional marind communications
extension speaker with polypropylene cone
Black ABS plastic case with stainless steel hardware and 180º deluxe
adjustable mounting bracket
Prewired 10ft. cable and 3.5mm miniature plug included
Our all weather professional marine communications speaker
has a 4” polypropylene cone. It features a 5 watt maximum
power rating at an 8 ohm impedance. It is encased in black
ABS plastic with stainless steel hardware, including an 180
degree deluxe adjustable bracket. A 10 foot cable and 3.5mm
miniature plug are also included. It is sold individually.
All-Weather Professional
Communications Extension Speaker
CBS240
Features
Speco Technologies is constantly developing and improving products.
We reserve the right to modify product design and specifications without notice
and without incurring any obligation. Spec Rev. 2/23/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - CBS240

ManufacturerPart #DatasheetDescription
logo
Clarke International
CBS2 CLARKE-CBS2 Datasheet
2Mb / 16P
BELT SANDER
GK0626 -Rev 7
logo
List of Unclassifed Man...
CBS2002403 ETC2-CBS2002403 Datasheet
120Kb / 3P
Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
CBS2002405 ETC2-CBS2002405 Datasheet
120Kb / 3P
Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
CBS2002412 ETC2-CBS2002412 Datasheet
120Kb / 3P
Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
CBS2002415 ETC2-CBS2002415 Datasheet
120Kb / 3P
Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
More results

Similar Description - CBS240

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7009 BOURNS-7009 Datasheet
54Kb / 1P
All-Weather Enclosure
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
Professional Tools for Professional Results
logo
OptoSupply Internationa...
OSW44TS4C1A-HCRI OPTOSUPPLY-OSW44TS4C1A-HCRI Datasheet
118Kb / 1P
Superior Weather-resistance
logo
Roithner LaserTechnik G...
PW5111A-Z3 ROITHNER-PW5111A-Z3 Datasheet
161Kb / 1P
superior weather-resistance
logo
Laird Tech Smart Techno...
SLJ LSTD-SLJ Datasheet
118Kb / 2P
Good weather resistance
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
logo
Rosenberger Hochfrequen...
SLWK101-C03 ROSENBERGER-SLWK101-C03 Datasheet
193Kb / 2P
Weather proofing kit
logo
SparkFun Electronics
DEV-12081 SPARKFUN-DEV-12081 Datasheet
106Kb / 1P
Weather Shield
logo
Humirel
DPP902S000 HUMIREL-DPP902S000 Datasheet
215Kb / 4P
MEAS WEATHER SHIELD
logo
3M Electronics
TAPE50 3M-TAPE50 Datasheet
84Kb / 4P
All-Weather Corrosion Protection
Rev C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com