Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS0030 Datasheet (PDF) - Infinite Electronics International, Inc.

FMS0030 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMS0030
Download  FMS0030 Download
File Size   391.87 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way Broadband Combiner SMA Female Input and N-Type Female Output from 700 MHz to 6 GHz rated 200 Watts

FMS0030 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMS0030 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMS0030
Download  FMS0030 Click to download

File Size   391.87 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way Broadband Combiner SMA Female Input and N-Type Female Output from 700 MHz to 6 GHz rated 200 Watts

FMS0030 Datasheet (HTML) - Infinite Electronics International, Inc.


FMS0030 Product details

Features
• 0.7 to 6 GHz Frequency
• 200 watt max power
• Insertion Loss: < 0.9 dB
• Phase Balance: ±5 degrees
• Amplitude Balance: ±0.3 dB
• Isolation: >8 dB
• High Power Handling Capability
• Applications
• Communications Systems
• Power Combining
• PCS,GSM,LTE, Cellular
• Amplifier Systems
• Amplifier Power Combining
• Wireless Infrastructures
• Defense Applications
• Description
• FMS0030 is a passive 2 way High Power Broadband RF Combiner with 50 ohm SMA and N-Type connectors operating from 0.7 to 6 GHz,
• with max power at 200 watts. The FMS0030 has greater than 8 dB typical isolation, less than 0.9 dB typical low insertion loss and a Max VSWR
• of 1.35:1; along with a phase balance of ±5 degrees and an amplitude balance of ±0.3 dB. The RF Combiner operates in a temperature range
• from -55°C to 85°C.




Similar Part No. - FMS0030

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMS0031 FAIRVIEW-FMS0031 Datasheet
435Kb / 3P
4 Way Broadband Combiner SMA Female Input and N-Type Female Output from 700 MHz to 6 GHz rated 300 Watts
REV A
FMS0032 FAIRVIEW-FMS0032 Datasheet
385Kb / 3P
2 Way Broadband Combiner SMA Female Input and Output from 700 MHz to 6 GHz rated 125 Watts
REV A
FMS0033 FAIRVIEW-FMS0033 Datasheet
360Kb / 3P
2 Way Broadband Combiner SMA Female Input and N-Type Female Output from 2 GHz to 8 GHz rated 150 Watts
REV A
FMS0034 FAIRVIEW-FMS0034 Datasheet
364Kb / 3P
2 Way Broadband Combiner SMA Female Input and N-Type Female Output from 2 GHz to 8 GHz rated 250 Watts
REV A
FMS0035 FAIRVIEW-FMS0035 Datasheet
405Kb / 3P
4 Way Broadband Combiner SMA Female Input and N-Type Female Output from 2 GHz to 8 GHz rated 300 Watts
REV A
More results


Similar Description - FMS0030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-3 PASTERNACK-PE7065-3 Datasheet
223Kb / 3P
20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
PE7065-1 PASTERNACK-PE7065-1 Datasheet
222Kb / 3P
7 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 1 GHz To 2 GHz
PE7061-6 PASTERNACK-PE7061-6 Datasheet
215Kb / 3P
6 dB DC Bias Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7065-2 PASTERNACK-PE7065-2 Datasheet
223Kb / 3P
10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
PE7361-6 PASTERNACK-PE7361-6 Datasheet
328Kb / 3P
6 dB Fixed Attenuator, SMA Female To N Female Rated To 25 Watts Up To 18 GHz
PE7226-6 PASTERNACK-PE7226-6 Datasheet
382Kb / 3P
6 dB Fixed Attenuator, N Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7228-6 PASTERNACK-PE7228-6 Datasheet
382Kb / 3P
6 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7216-6 PASTERNACK-PE7216-6 Datasheet
383Kb / 3P
6 dB Fixed Attenuator, SMA Female To N Female Directional Rated To 100 Watts Up To 6 GHz
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2CP1019 PASTERNACK-PE2CP1019 Datasheet
352Kb / 3P
Dual Directional 20 dB N Coupler From 2 GHz to 6 GHz Rated To 200 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com