Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS0033 Datasheet (PDF) - Infinite Electronics International, Inc.

FMS0033 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMS0033
Download  FMS0033 Download
File Size   360.73 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way Broadband Combiner SMA Female Input and N-Type Female Output from 2 GHz to 8 GHz rated 150 Watts

FMS0033 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMS0033 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMS0033
Download  FMS0033 Click to download

File Size   360.73 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way Broadband Combiner SMA Female Input and N-Type Female Output from 2 GHz to 8 GHz rated 150 Watts

FMS0033 Datasheet (HTML) - Infinite Electronics International, Inc.


FMS0033 Product details

Features
• 2 to 8 GHz Frequency
• 150 watt max power
• Insertion Loss: < 0.55 dB
• Phase Balance: ±6 degrees
• Amplitude Balance: ±0.25 dB
• High Power Handling Capability
• Applications
• Communications Systems
• Power Combining
• LTE, Cellular
• Amplifier Systems
• Amplifier Power Combining
• Wireless Infrastructures
• Defense Applications
• Description
• FMS0033 is a passive 2 way High Power Broadband RF Combiner with 50 ohm SMA and N-Type connectors operating from 2 to 8 GHz, with
• max power at 150 watts. The FMS0033 has less than 0.55 dB typical low insertion loss and a Max VSWR of 1.3:1; along with a phase balance
• of ±6 degrees and an amplitude balance of ±0.25 dB. The RF Combiner operates in a temperature range from -55°C to 85°C.




Similar Part No. - FMS0033

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMS0030 FAIRVIEW-FMS0030 Datasheet
391Kb / 3P
2 Way Broadband Combiner SMA Female Input and N-Type Female Output from 700 MHz to 6 GHz rated 200 Watts
REV A
FMS0031 FAIRVIEW-FMS0031 Datasheet
435Kb / 3P
4 Way Broadband Combiner SMA Female Input and N-Type Female Output from 700 MHz to 6 GHz rated 300 Watts
REV A
FMS0032 FAIRVIEW-FMS0032 Datasheet
385Kb / 3P
2 Way Broadband Combiner SMA Female Input and Output from 700 MHz to 6 GHz rated 125 Watts
REV A
FMS0034 FAIRVIEW-FMS0034 Datasheet
364Kb / 3P
2 Way Broadband Combiner SMA Female Input and N-Type Female Output from 2 GHz to 8 GHz rated 250 Watts
REV A
FMS0035 FAIRVIEW-FMS0035 Datasheet
405Kb / 3P
4 Way Broadband Combiner SMA Female Input and N-Type Female Output from 2 GHz to 8 GHz rated 300 Watts
REV A
More results


Similar Description - FMS0033

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE7065-3 PASTERNACK-PE7065-3 Datasheet
223Kb / 3P
20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
PE7065-1 PASTERNACK-PE7065-1 Datasheet
222Kb / 3P
7 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 1 GHz To 2 GHz
PE7065-2 PASTERNACK-PE7065-2 Datasheet
223Kb / 3P
10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
PE7065-4 PASTERNACK-PE7065-4 Datasheet
223Kb / 3P
10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 4 GHz To 8 GHz
PE2058 PASTERNACK-PE2058 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 8 GHz Rated To 30 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com