Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4WVN Datasheet (PDF) - Speco Technologies.

D4WVN Datasheet PDF - Speco Technologies.
Part # D4WVN
Download  D4WVN Download
File Size   984.69 Kbytes
Page   2 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI NDAA Compliant Wall Mount Digital Video Recorder

D4WVN Datasheet (PDF)

Go To PDF Page Download Datasheet
D4WVN Datasheet PDF - Speco Technologies.

Part # D4WVN
Download  D4WVN Click to download

File Size   984.69 Kbytes
Page   2 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI NDAA Compliant Wall Mount Digital Video Recorder

D4WVN Datasheet (HTML) - Speco Technologies.


D4WVN Product details

Key Features
EZ Wizards - For ease of use and setup
Setup: for quick setup of general settings
Network: network setup and port forwarding
Record: quickly setup recording resolutions and recording type
Search: quickly search for events from thumbnails
Copy: quickly copy what you are playing onto a USB flash drive
•4MP max recording resolution @ 10fps
•UTC function allows for zoom/focus and OSD control over coax
•H.264/H.265 video compression
•Free U.S. - Based DDNS Server Access
•Signal distance up to 1600 feet1
•Video Out: 1 HDMI®, 1 VGA
•Digital Deterrent® for triggering during sensor or motion detection
•2-way audio-ready communication
•Built-in S.M.A.R.T. Technology (Self-Monitoring, Analysis and
Reporting Technology for HDD)
•4 channel audio recording
•Password to secure installation authorization
•Smart (Museum) Search - Quickly search for a specific video
event without the need for motion setup.
•Easy firmware upgrade by USB port
•5 year limited warranty2
•NDAA Compliant
Additional Features
• To add a 7” 480x234 TFT LCD monitor to the 4 or 8 Channel powered units, just add
an M to the part number (example: D8WVNPM4TB)
• Instant and convenient backup via USB flash drive
•Supports multiple PC based browsers such as Chrome, Edge, Internet Explorer, and Firefox
•Simultaneous playback/record while continuing to network transfer or backup
•User Access: up to 12 concurrent users for live viewing, 1 user for playback
•Remote monitoring / recording / playback / configuration / software upgrades and
PTZ control via internet
•Network accessible via SpecoTech Multi-Client Software, SecureGuard®,
SecureGuard® Client, Web-Viewer and Speco Player Mobile app, Apple TV
and Amazon Fire TV
• PC and MAC® compatible
• IR remote control and mouse included
• “P” models provide power for your analog cameras.




Similar Part No. - D4WVN

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
D4WVX SPECO-D4WVX Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
D4WVX2TB SPECO-D4WVX2TB Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
D4WVX4TB SPECO-D4WVX4TB Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
D4WVX6TB SPECO-D4WVX6TB Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
D4WVX8TB SPECO-D4WVX8TB Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
More results


Similar Description - D4WVN

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV05620-C03A OMNIVISION-OV05620-C03A Datasheet
198Kb / 2P
advanced digital imaging and HD video
OV5620 OMNIVISION-OV5620 Datasheet
198Kb / 2P
advanced digital imaging and HD video
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
logo
Level One
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
Network Video Recorder
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
Network Video Recorder
NVR-0104 LVL1-NVR-0104 Datasheet
817Kb / 3P
4-CH Network Video Recorder
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
3G/HD/SD Serial Digital Video Reclocker
logo
Advantech Co., Ltd.
DVP-7635HE ADVANTECH-DVP-7635HE Datasheet
688Kb / 2P
4-ch Full HD H.264/MPEG4 AHD/CVI/TVI PCIe Video Capture Card with SDK
13-Sep-2017
DVP-7036HE ADVANTECH-DVP-7036HE Datasheet
457Kb / 2P
4-ch Full HD TVI Mini-PCIe Video Capture Card with SDK
15-Jun-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com