Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4WVX Datasheet (PDF) - Speco Technologies.

D4WVX Datasheet PDF - Speco Technologies.
Part # D4WVX
Download  D4WVX Download
File Size   983.14 Kbytes
Page   3 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI Wall Mount Digital Video Recorder

D4WVX Datasheet (PDF)

Go To PDF Page Download Datasheet
D4WVX Datasheet PDF - Speco Technologies.

Part # D4WVX
Download  D4WVX Click to download

File Size   983.14 Kbytes
Page   3 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI Wall Mount Digital Video Recorder

D4WVX Datasheet (HTML) - Speco Technologies.


D4WVX Product details

Key Features
EZ Wizards - For ease of use and setup
Setup: for quick setup of general settings
Network: network setup and port forwarding
Record: quickly setup recording resolutions and recording type
Search: quickly search for events from thumbnails
Copy: quickly copy what you are playing onto a USB flash drive
•A patented DVR solution that easily mounts in equipment closets
or electrical rooms for covert installations
•Supports up to 4MP @ 15fps over coax (HD-TVI)
•Supports up to 3MP @ 18fps over coax (HD-TVI)
•Supports up to 2MP @ 30fps over coax (HD-TVI)
•Backward compatible with all analog cameras
•UTC function allows for zoom/focus and OSD control over coax
•H.264 video compression
•Tamper resistant, 20 gauge powder coated steel
•Surface or flush mountable
•Free U.S. - Based DDNS Server Access
•5 year limited warranty2
Additional Features
•Signal distance up to 1600 feet1
•Video Out: 1 HDMI®, 1 VGA, 1 CVBS
•Digital Deterrent® supports up to 8 audio files for triggering during sensor or motion detection
•2-way audio communication
•Built-in S.M.A.R.T. Technology
(Self-Monitoring, Analysis and Reporting Technology for HDD)
•4 channel audio recording
•Password to secure installation authorization
•Smart (Museum) Search - Quickly search for a specific video event without the need
for motion setup.
•Easy firmware upgrade by USB port
•Instant and convenient backup via USB flash drive
•Supports multiple PC based browsers such as Internet Explorer and Firefox
•Simultaneous playback/record while continuing to network transfer or backup
•User Access: up to 12 concurrent users for live viewing, 1 user for playback
•Remote monitoring / recording / playback / configuration / software upgrades and
PTZ control via internet
•Network accessible via SpecoTech Multi-Client Software, SecureGuard®, Web-Viewer
and Speco Player Mobile app, Apple TV and Amazon Fire TV
• PC and MAC® compatible
• IR remote control and mouse included




Similar Part No. - D4WVX

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
D4WVXP SPECO-D4WVXP Datasheet
990Kb / 3P
HD-TVI Wall Mount Digital Video Recorder with Built-In Power Supply
10/20/21
D4WVXP2TB SPECO-D4WVXP2TB Datasheet
990Kb / 3P
HD-TVI Wall Mount Digital Video Recorder with Built-In Power Supply
10/20/21
D4WVXP4TB SPECO-D4WVXP4TB Datasheet
990Kb / 3P
HD-TVI Wall Mount Digital Video Recorder with Built-In Power Supply
10/20/21
D4WVXP6TB SPECO-D4WVXP6TB Datasheet
990Kb / 3P
HD-TVI Wall Mount Digital Video Recorder with Built-In Power Supply
10/20/21
D4WVXP8TB SPECO-D4WVXP8TB Datasheet
990Kb / 3P
HD-TVI Wall Mount Digital Video Recorder with Built-In Power Supply
10/20/21
More results


Similar Description - D4WVX

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV05620-C03A OMNIVISION-OV05620-C03A Datasheet
198Kb / 2P
advanced digital imaging and HD video
OV5620 OMNIVISION-OV5620 Datasheet
198Kb / 2P
advanced digital imaging and HD video
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
logo
Level One
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
Network Video Recorder
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
Network Video Recorder
NVR-0104 LVL1-NVR-0104 Datasheet
817Kb / 3P
4-CH Network Video Recorder
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
3G/HD/SD Serial Digital Video Reclocker
logo
Advantech Co., Ltd.
DVP-7635HE ADVANTECH-DVP-7635HE Datasheet
688Kb / 2P
4-ch Full HD H.264/MPEG4 AHD/CVI/TVI PCIe Video Capture Card with SDK
13-Sep-2017
DVP-7036HE ADVANTECH-DVP-7036HE Datasheet
457Kb / 2P
4-ch Full HD TVI Mini-PCIe Video Capture Card with SDK
15-Jun-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com