Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4WVXP Datasheet (PDF) - Speco Technologies.

D4WVXP Datasheet PDF - Speco Technologies.
Part # D4WVXP
Download  D4WVXP Download
File Size   990.51 Kbytes
Page   3 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI Wall Mount Digital Video Recorder with Built-In Power Supply

D4WVXP Datasheet (PDF)

Go To PDF Page Download Datasheet
D4WVXP Datasheet PDF - Speco Technologies.

Part # D4WVXP
Download  D4WVXP Click to download

File Size   990.51 Kbytes
Page   3 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI Wall Mount Digital Video Recorder with Built-In Power Supply

D4WVXP Datasheet (HTML) - Speco Technologies.


D4WVXP Product details

Key Features
EZ Wizards - For ease of use and setup
Setup: for quick setup of general settings
Network: network setup and port forwarding
Record: quickly setup recording resolutions and recording type
Search: quickly search for events from thumbnails
Copy: quickly copy what you are playing onto a USB flash drive
•A patented DVR solution that easily mounts in equipment closets
or electrical rooms for covert installations
•Supports up to 4MP @ 15fps over coax
•Supports up to 3MP @ 18fps over coax
•Supports up to 2MP @ 30fps over coax
•Backward compatible with all analog cameras
•UTC function allows for zoom/focus and OSD control over coax
•H.264 video compression
•Tamper resistant, 20 gauge powder coated steel
•Surface or flush mountable
•Free U.S. - Based DDNS Server Access
•5 year limited warranty2
Additional Features
•Signal distance up to 1600 feet1
•Video Out: 1 HDMI®, 1 VGA, 1 CVBS
•Digital Deterrent® supports up to 8 audio files for triggering during sensor
or motion detection
•2-way audio communication
•Built-in S.M.A.R.T. Technology (Self-Monitoring, Analysis and Reporting
Technology for HDD)
•4 channel audio recording
•Password to secure installation authorization
•Smart (Museum) Search - Quickly search for a specific video event without
the need for motion setup.
•Easy firmware upgrade by USB port
•Instant and convenient backup via USB flash drive
•Supports multiple PC based browsers such as Internet Explorer and Firefox
•Simultaneous playback/record while continuing to network transfer or backup
•User Access: up to 12 concurrent users for live viewing, 1 user for playback
•Remote monitoring / recording / playback / configuration / software
upgrades and PTZ control via internet
•Network accessible via SpecoTech Multi-Client Software, SecureGuard®,
Web-Viewer and Speco Player Mobile app, Apple TV and Amazon Fire TV
•PC and MAC® compatible
•IR remote control and mouse included




Similar Part No. - D4WVXP

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
D4WVX SPECO-D4WVX Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
D4WVX2TB SPECO-D4WVX2TB Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
D4WVX4TB SPECO-D4WVX4TB Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
D4WVX6TB SPECO-D4WVX6TB Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
D4WVX8TB SPECO-D4WVX8TB Datasheet
983Kb / 3P
HD-TVI Wall Mount Digital Video Recorder
10/20/21
More results


Similar Description - D4WVXP

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN1232 IKSEMICON-IN1232_11 Datasheet
151Kb / 7P
POWER SUPPLY CONTROL WITH BUILT-IN WATCHDOG TIMER
logo
Advantech Co., Ltd.
NVS-160 ADVANTECH-NVS-160_13 Datasheet
315Kb / 2P
Embedded Video Recorder with PoE Switch
logo
Level One
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
Network Video Recorder
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
Network Video Recorder
logo
AAEON Technology
VPC-5600S AAEON-VPC-5600S Datasheet
185Kb / 1P
Fanless In-Vehicle Network Video Recorder with Intel Processor
VPC-3300S AAEON-VPC-3300S Datasheet
396Kb / 2P
In-Vehicle Network Video Recorder Platform with Intel
VPC-5500S AAEON-VPC-5500S Datasheet
460Kb / 2P
In-Vehicle Network Video Recorder Platform with Intel
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
Digital Input Module 16ch, Built-in power supply
logo
Advantech Co., Ltd.
DVP-7036HE ADVANTECH-DVP-7036HE Datasheet
457Kb / 2P
4-ch Full HD TVI Mini-PCIe Video Capture Card with SDK
15-Jun-2022
logo
Aven, Inc.
26700-140-3D AVEN-26700-140-3D Datasheet
707Kb / 1P
Digital Microscope with Built-in HD Monitor and 360 Viewer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com