Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP8206 Datasheet (PDF) - Infinite Electronics International, Inc.

SMP8206 Datasheet PDF - Infinite Electronics International, Inc.
Part # SMP8206
Download  SMP8206 Download
File Size   608.43 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP8206 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 26 GHz, Stain­ less Steel Body

SMP8206 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP8206 Datasheet PDF - Infinite Electronics International, Inc.

Part # SMP8206
Download  SMP8206 Click to download

File Size   608.43 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP8206 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 26 GHz, Stain­ less Steel Body

SMP8206 Datasheet (HTML) - Infinite Electronics International, Inc.


SMP8206 Product details

Features
• Phase Adjustment: 15 Deg/GHz
• Frequency Range from
• DC to 26 GHz
• SMA Connectorized Design
• Insertion Loss: 0.8 dB Max
• Max VSWR 1.4:1
• Max Power Rating:
• 70 Watts (CW)
• Applications:
• Test & Measurements
• Radar Development
• Military Communications Systems
• Phase Array Antenna System
• Satellite Communications




Similar Part No. - SMP8206

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMP8200 SECOS-SMP8200 Datasheet
61Kb / 1P
Voltage 200 V 8 Amp Surface Mount Schottky Barrier Rectifiers
logo
Infinite Electronics In...
SMP8204 FAIRVIEW-SMP8204 Datasheet
610Kb / 4P
SMP8204 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 10 GHz, Brass Body
REV 1A
SMP8205 FAIRVIEW-SMP8205 Datasheet
611Kb / 4P
SMP8205 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 18 GHz, Brass Body
REV 1A
SMP8207 FAIRVIEW-SMP8207 Datasheet
634Kb / 4P
SMP8207 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 19.16 Deg. Per GHz From DC to 10 GHz, Stainless Steel Body
REV 1A
SMP8208 FAIRVIEW-SMP8208 Datasheet
646Kb / 4P
SMP8208 DATA SHEET N Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 10 GHz, Stain­ less Steel Body
REV 1A
More results


Similar Description - SMP8206

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8040 PASTERNACK-PE8040 Datasheet
114Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8245 PASTERNACK-PE8245 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8246 PASTERNACK-PE8246 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8247 PASTERNACK-PE8247 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8202 PASTERNACK-PE8202 Datasheet
203Kb / 3P
50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 10.00 Deg. Per GHz
PE8203 PASTERNACK-PE8203 Datasheet
356Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8253 PASTERNACK-PE8253 Datasheet
211Kb / 3P
50 Ohm SMA To SMA Phase Shifter Operating From 18 GHz to 26.5 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8255 PASTERNACK-PE8255 Datasheet
365Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com