Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP8200 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMP8200 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMP8200
Download  SMP8200 Download
File Size   61.09 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 200 V 8 Amp Surface Mount Schottky Barrier Rectifiers

SMP8200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP8200 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMP8200
Download  SMP8200 Click to download

File Size   61.09 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 200 V 8 Amp Surface Mount Schottky Barrier Rectifiers

SMP8200 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SMP8200

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SMP8204 FAIRVIEW-SMP8204 Datasheet
610Kb / 4P
SMP8204 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 10 GHz, Brass Body
REV 1A
SMP8205 FAIRVIEW-SMP8205 Datasheet
611Kb / 4P
SMP8205 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 18 GHz, Brass Body
REV 1A
SMP8206 FAIRVIEW-SMP8206 Datasheet
608Kb / 4P
SMP8206 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 26 GHz, Stain­ less Steel Body
REV 1A
SMP8207 FAIRVIEW-SMP8207 Datasheet
634Kb / 4P
SMP8207 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 19.16 Deg. Per GHz From DC to 10 GHz, Stainless Steel Body
REV 1A
SMP8208 FAIRVIEW-SMP8208 Datasheet
646Kb / 4P
SMP8208 DATA SHEET N Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 10 GHz, Stain­ less Steel Body
REV 1A
More results


Similar Description - SMP8200

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR10200 SECOS-SBR10200_11 Datasheet
248Kb / 2P
Voltage 200 V 10.0 Amp Schottky Barrier Rectifiers
SBR30200R SECOS-SBR30200R_11 Datasheet
253Kb / 2P
Voltage 200 V 30.0 Amp Schottky Barrier Rectifiers
SP15200S SECOS-SP15200S_12 Datasheet
185Kb / 2P
Voltage 200 V 15.0 Amp Schottky Barrier Rectifiers
SR15200S SECOS-SR15200S Datasheet
185Kb / 2P
Voltage 200 V 15.0 Amp Schottky Barrier Rectifiers
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
MBR20200 SECOS-MBR20200 Datasheet
203Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200F SECOS-MBR20200F Datasheet
290Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
SM520BM SECOS-SM520BM Datasheet
310Kb / 2P
Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
MSCD102 SECOS-MSCD102 Datasheet
177Kb / 3P
Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
SMPD5200H SECOS-SMPD5200H Datasheet
215Kb / 2P
200 V 5.0 Amp Low IR Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com