Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP8200 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMP8200
Description  Voltage 200 V 8 Amp Surface Mount Schottky Barrier Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMP8200 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMP8200 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMP8200
Voltage 200 V
8 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
1-Feb-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low leakage
Low forward voltage drop
Super long operating life
Plastic package has Underwriters Laboratory
Flammability Classification 94
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277A
4K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
Parameters
Symbol
Rating
Units
Maximum Repetitive peak Reverse Voltage
VRRM
200
V
Maximum RMS Voltage
VRMs
140
V
Maximum DC Blocking Voltage
VDC
200
V
Maximum Forward Voltage @ IF=8A
VF
0.85
V
Maximum Average Forward Rectified Current@
TL = 90°C
IF(AV)
8
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
IFSM
100
A
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=25°C
IR
0.5
mA
TJ=100°C
10
Thermal Resistance Junction to Case
RθJC
3
°C / W
Operating and Storage Temperature Range
TJ ,TSTG
-55~150
°C
TO-277A
M
N
A
B
I
F
J
C
E
D
G
H
K
L
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.4
4.8
H
4.05 Typ.
B
5.9
6.3
J
4.4
4.8
C
6.3
6.7
K
2.0
2.2
D
4.1
4.5
L
1.0
1.4
E
0.65 Typ.
M
0.15
0.35
F
3.55
3.95
N
1.0
1.4
G
1.85
2.25
2
2
2
2
1
1
1
1
3
3
3
3


Similar Part No. - SMP8200

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SMP8204 FAIRVIEW-SMP8204 Datasheet
610Kb / 4P
SMP8204 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 10 GHz, Brass Body
REV 1A
SMP8205 FAIRVIEW-SMP8205 Datasheet
611Kb / 4P
SMP8205 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 18 GHz, Brass Body
REV 1A
SMP8206 FAIRVIEW-SMP8206 Datasheet
608Kb / 4P
SMP8206 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 26 GHz, Stain­ less Steel Body
REV 1A
SMP8207 FAIRVIEW-SMP8207 Datasheet
634Kb / 4P
SMP8207 DATA SHEET SMA Adjustable Phase Trimmer With an Adjustable Phase of 19.16 Deg. Per GHz From DC to 10 GHz, Stainless Steel Body
REV 1A
SMP8208 FAIRVIEW-SMP8208 Datasheet
646Kb / 4P
SMP8208 DATA SHEET N Adjustable Phase Trimmer With an Adjustable Phase of 15 Deg. Per GHz From DC to 10 GHz, Stain­ less Steel Body
REV 1A
More results

Similar Description - SMP8200

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR10200 SECOS-SBR10200_11 Datasheet
248Kb / 2P
Voltage 200 V 10.0 Amp Schottky Barrier Rectifiers
SBR30200R SECOS-SBR30200R_11 Datasheet
253Kb / 2P
Voltage 200 V 30.0 Amp Schottky Barrier Rectifiers
SP15200S SECOS-SP15200S_12 Datasheet
185Kb / 2P
Voltage 200 V 15.0 Amp Schottky Barrier Rectifiers
SR15200S SECOS-SR15200S Datasheet
185Kb / 2P
Voltage 200 V 15.0 Amp Schottky Barrier Rectifiers
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
MBR20200 SECOS-MBR20200 Datasheet
203Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
MBR20200F SECOS-MBR20200F Datasheet
290Kb / 2P
Voltage 200 V 20.0 Amp Schottky Barrier Rectifiers
SM520BM SECOS-SM520BM Datasheet
310Kb / 2P
Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
MSCD102 SECOS-MSCD102 Datasheet
177Kb / 3P
Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
SMPD5200H SECOS-SMPD5200H Datasheet
215Kb / 2P
200 V 5.0 Amp Low IR Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com