Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS0040 Datasheet (PDF) - Infinite Electronics International, Inc.

FMS0040 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMS0040
Download  FMS0040 Download
File Size   292.62 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way RF Power Combiner with N Female Connectors, 600 MHz to 6 GHz Frequency Range, 400 Watt Power Rating

FMS0040 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMS0040 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMS0040
Download  FMS0040 Click to download

File Size   292.62 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way RF Power Combiner with N Female Connectors, 600 MHz to 6 GHz Frequency Range, 400 Watt Power Rating

FMS0040 Datasheet (HTML) - Infinite Electronics International, Inc.


FMS0040 Product details

Features
• Broadband frequency range from 600 MHz to 6 GHz
• Equal 2-way power split
• Low insertion loss
• Excellent input and output VSWR
• High isolation between output ports
• 200 watts CW power handling per port
• 400 watts total power handling
• 50 Ohm impedance
• Rugged conductive oxidation finish
• N female connectors
• Applications
• RF test and measurement
• Laboratory testing
• Wireless communication systems
• Military and defense RF systems
• Broadcast systems
• Distributed antenna systems (non-Low PIM applications)
• Signal distribution networks
• RF power combining systems
• General-purpose RF integration
• Description
• The FMS0040 is a 2-way RF Combiner that operates from 600 MHz to 6 GHz. This passive device provides equal power division with low
• insertion loss, excellent VSWR, and high power handling of up to 200 watts per port (400 watts total when used as a combiner). Featuring N
• female connectors and a rugged conductive oxidation finish, it is designed for reliable performance in RF communication systems, test and
• measurement applications, distributed RF systems, and laboratory environments. The broadband design allows the unit to function as either




Similar Part No. - FMS0040

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMS0041 FAIRVIEW-FMS0041 Datasheet
299Kb / 3P
4 Way RF Power Combiner with N Female Connectors, 600 MHz to 6 GHz Frequency Range, 400 Watt Power Rating
REV A
More results


Similar Description - FMS0040

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZB4CS-700-10W MINI-ZB4CS-700-10W Datasheet
68Kb / 1P
Power wer Splitter/Combiner 4 Way-0째 400 to 700 MHz
ZA2CS-600-10W MINI-ZA2CS-600-10W Datasheet
135Kb / 1P
High Power Combiner 2 Way-0 50廓 100 to 600 MHz
ZAPD-162-75 MINI-ZAPD-162-75 Datasheet
158Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 600 to 1600 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZN2PD1-222 MINI-ZN2PD1-222 Datasheet
121Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 600 to 2200 MHz
logo
American Accurate Compo...
JXWBHC-T-2-800-2000 AAC-JXWBHC-T-2-800-2000 Datasheet
50Kb / 1P
2-Way Power Combiner
JXWBHC-T-2-800-2500 AAC-JXWBHC-T-2-800-2500 Datasheet
95Kb / 1P
2-Way Power Combiner
JXWBHC-T-6-800-2000 AAC-JXWBHC-T-6-800-2000 Datasheet
54Kb / 1P
6-Way Power Combiner
logo
Pasternack Enterprises,...
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
2 GHz to 6 GHz Frequency Range
logo
Marki Microwave
MPD-0226SM MARKIMICROWAVE-MPD-0226SM Datasheet
407Kb / 7P
2-26.5 GHz MMIC 2-way Power Divider/Combiner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com