Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS0041 Datasheet (PDF) - Infinite Electronics International, Inc.

FMS0041 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMS0041
Download  FMS0041 Download
File Size   299.01 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4 Way RF Power Combiner with N Female Connectors, 600 MHz to 6 GHz Frequency Range, 400 Watt Power Rating

FMS0041 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMS0041 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMS0041
Download  FMS0041 Click to download

File Size   299.01 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4 Way RF Power Combiner with N Female Connectors, 600 MHz to 6 GHz Frequency Range, 400 Watt Power Rating

FMS0041 Datasheet (HTML) - Infinite Electronics International, Inc.


FMS0041 Product details

Features
• Broadband frequency range from 600 MHz to 6 GHz
• Equal 4-way power split
• Low insertion loss
• Excellent input and output VSWR
• High isolation between output ports
• 100 watts CW power handling per port
• 400 watts total power handling
• 50 Ohm impedance
• Rugged conductive oxidation finish
• N female connectors
• Applications
• RF test and measurement
• Laboratory testing
• Wireless communication systems
• Military and defense RF systems
• Broadcast systems
• Distributed antenna systems (non-Low PIM applications)
• Signal distribution networks
• RF power combining systems
• General-purpose RF integration
• Description
• The FMS0041 is a 4-way RF Combiner that operates from 600 MHz to 6 GHz. This passive device provides equal power division with low
• insertion loss, excellent VSWR, and high power handling of up to 100 watts per port (400 watts total when used as a combiner). Featuring N
• female connectors and a rugged conductive oxidation finish, it is designed for reliable performance in RF communication systems, test and
• measurement applications, distributed RF systems, and laboratory environments. The broadband design allows the unit to function as either




Similar Part No. - FMS0041

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMS0040 FAIRVIEW-FMS0040 Datasheet
292Kb / 3P
2 Way RF Power Combiner with N Female Connectors, 600 MHz to 6 GHz Frequency Range, 400 Watt Power Rating
REV A
More results


Similar Description - FMS0041

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZB4CS-700-10W MINI-ZB4CS-700-10W Datasheet
68Kb / 1P
Power wer Splitter/Combiner 4 Way-0째 400 to 700 MHz
ZA2CS-600-10W MINI-ZA2CS-600-10W Datasheet
135Kb / 1P
High Power Combiner 2 Way-0 50廓 100 to 600 MHz
ZB4PD-232-50W MINI-ZB4PD-232-50W Datasheet
167Kb / 1P
High Power Combiner 4 Way-0 50廓 600 to 2300 MHz
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZN2PD1-222 MINI-ZN2PD1-222 Datasheet
121Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 600 to 2200 MHz
logo
Stealth Microwave, Inc.
SM04060-37HS STEALTH_MICROWAVE-SM04060-37HS Datasheet
93Kb / 3P
400-600 MHz 4 Watt Linear Power Amplifier
logo
American Accurate Compo...
JXWBHC-T-4-800-2000 AAC-JXWBHC-T-4-800-2000 Datasheet
49Kb / 1P
4-Way Power Combiner
JXWBHC-T-6-800-2000 AAC-JXWBHC-T-6-800-2000 Datasheet
54Kb / 1P
6-Way Power Combiner
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
ADAR5000 AD-ADAR5000 Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com