Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC520A Datasheet (PDF) - Analog Devices

HMC520A Datasheet PDF - Analog Devices
Part # HMC520A
Download  HMC520A Download
File Size   423.64 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Radio frequency (RF) range: 6 GHz to 10 GHz

HMC520A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC520A Datasheet PDF - Analog Devices

Part # HMC520A
Download  HMC520A Click to download

File Size   423.64 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Radio frequency (RF) range: 6 GHz to 10 GHz

HMC520A Datasheet (HTML) - Analog Devices


HMC520A Product details

GENERAL DESCRIPTION
The HMC520A is a compact gallium arsenide (GaAs), monolithic microwave integrated circuit (MMIC), in-phase quadrature (I/Q) mixer in a 24-terminal, RoHS compliant, ceramic leadless chip carrier (LCC) package. The device can be used as either an image reject mixer or a single sideband upconverter. The mixer uses two standard double balanced mixer cells and a 90° hybrid fabricated in a GaAs, metal semiconductor field effect transistor (MESFET) process. The HMC520A is a much smaller alternative to a hybrid style image reject mixer and a single sideband upconverter assembly. The HMC520A eliminates the need for wire bonding, allowing the use of surface-mount manufacturing techniques.

FEATURES
   Radio frequency (RF) range: 6 GHz to 10 GHz
   Local oscillator (LO) input frequency range: 6 GHz to 10 GHz
   Conversion loss: 8 dB typical at 6 GHz to 10 GHz
   Image rejection: 23 dBc typical at 6 GHz to 10 GHz
   LO to RF isolation: 43 dB typical
   LO to intermediate frequency (IF) isolation: 25 dB typical
   Input third-order intercept (IP3): 19 dBm typical
   Input power for 1 dB compression (P1dB): 10 dBm typical at
      7.1 GHz to 8.5 GHz
   Wide IF frequency range: DC to 3.5 GHz
   24-terminal, 4 mm × 4 mm, ceramic leadless chip carrier

APPLICATIONS
   Point to point microwave radios
   Point to multipoint radios
   Video satellites (VSATs)
   Digital radios
   Instrumentation
   Automatic test equipment (ATE)




Similar Part No. - HMC520A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
240Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Micross Components
HMC520 MICROSS-HMC520 Datasheet
886Kb / 9P
Military Radar and ECM
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
More results


Similar Description - HMC520A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC_15 Datasheet
204Kb / 7P
6 to 18-GHz Frequency Range
logo
Pasternack Enterprises,...
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
DC to 10 GHz Operating Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
DC to 6 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
6 GHz to 18 GHz Frequency Range
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
0.7 GHz to 6 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
2 GHz to 6 GHz Frequency Range
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com