Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC520 Datasheet (PDF) - Micross Components

HMC520 Datasheet PDF - Micross Components
Part # HMC520
Download  HMC520 Download
File Size   886.53 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Military Radar and ECM

HMC520 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC520 Datasheet PDF - Micross Components

Part # HMC520
Download  HMC520 Click to download

File Size   886.53 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Military Radar and ECM

HMC520 Datasheet (HTML) - Micross Components


HMC520 Product details

General Description
The HMC520 is a compact I/Q MMIC mixer which can be used as either an Image Reject Mixer or a Single Sideband Upconverter. The chip utilizes two standard Hittite double balanced mixer cells and a 90 degree hybrid fabricated in a GaAs MESFET process. All data shown below is taken with the chip mounted in a 50 Ohm test fi xture and includes the effects of 1 mil diameter x 20 mil length bond wires on each port. A low frequency quadrature hybrid was used to produce a 100 MHz USB IF output. This product is a much smaller alternative to hybrid style Image Reject Mixers and Single Sideband Upconverter assemblies.

Features
   Wide IF Bandwidth: DC - 3.5 GHz
   Image Rejection: 40 dB
   LO to RF Isolation: 45 dB
   High Input IP3: +22 dBm
   Die Size: 1.49 x 1.14 x 0.1 mm

Typical Applications
The HMC520 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• C-Band VSAT
• Military Radar and ECM




Similar Part No. - HMC520

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
240Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
HMC520ALC4 AD-HMC520ALC4 Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
HMC520ALC4TR AD-HMC520ALC4TR Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
More results


Similar Description - HMC520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EXO3C ETC-EXO3C Datasheet
121Kb / 2P
ECM Programmable Oscillator
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
Varistor Products - Aerospace and Military
logo
List of Unclassifed Man...
ECM90SMX ETC1-ECM90SMX Datasheet
75Kb / 1P
ECM Surface Mount Crystal
RC0910 ETC1-RC0910 Datasheet
66Kb / 3P
ECM Flat Radial Coil
logo
Canopus Electronics (H....
CO4012 CANOPUS-CO4012 Datasheet
1Mb / 3P
Electret Condenser Microphone (ECM)
logo
Hittite Microwave Corpo...
HMC-C088 HITTITE-HMC-C088 Datasheet
715Kb / 6P
ECM Systems
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
logo
List of Unclassifed Man...
MIL-STD-810F ETC2-MIL-STD-810F Datasheet
1Mb / 16P
Defense and Military Antennas
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
Radar and sonar processing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com