Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6198 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE71S6198 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE71S6198
Download  PE71S6198 Download
File Size   746.65 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description DC to 10 GHz Operating Frequency Range

PE71S6198 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE71S6198 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE71S6198
Download  PE71S6198 Click to download

File Size   746.65 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description DC to 10 GHz Operating Frequency Range

PE71S6198 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE71S6198

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6190 PASTERNACK-PE71S6190 Datasheet
412Kb / 4P
SP4T Switch
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6192 PASTERNACK-PE71S6192 Datasheet
495Kb / 6P
SP4T Switch
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
DC to 10 GHz Operating Frequency Range
More results


Similar Description - PE71S6198

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6183 PASTERNACK-PE71S6183 Datasheet
413Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
DC to 10 GHz Operating Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
DC to 6 GHz Frequency Range
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
logo
Silicon Laboratories
SL23EP04 SILABS-SL23EP04 Datasheet
742Kb / 16P
10 to 220 MHz operating frequency range
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
Wide frequency range 10 MHz to 1 GHz
25-Feb-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com