Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA779-G Datasheet (PDF) - Vishay Siliconix

BA779-G Datasheet PDF - Vishay Siliconix
Part # BA779-G
Download  BA779-G Download
File Size   97.48 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wide frequency range 10 MHz to 1 GHz

BA779-G Datasheet (PDF)

Go To PDF Page Download Datasheet
BA779-G Datasheet PDF - Vishay Siliconix

Part # BA779-G
Download  BA779-G Click to download

File Size   97.48 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wide frequency range 10 MHz to 1 GHz

BA779-G Datasheet (HTML) - Vishay Siliconix




Similar Part No. - BA779-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
127Kb / 4P
RF PIN Diodes
27-Apr-17
BA779-G VISHAY-BA779-G_V01 Datasheet
127Kb / 4P
RF PIN Diodes
27-Apr-17
More results


Similar Description - BA779-G

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
Frequency Range: 350.0 MHz to 1.7 GHz
S3-AA22X NEL-S3-AA22X Datasheet
381Kb / 2P
Frequency Range: 200 MHz to 1.7 GHz
logo
Pasternack Enterprises,...
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
DC to 10 GHz Operating Frequency Range
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
500 MHz to 4 GHz Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
DC to 10 GHz Frequency Range
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
50 MHz to 1 GHz Frequency Range
PE15A1019 PASTERNACK-PE15A1019 Datasheet
545Kb / 5P
1 GHz to 2 GHz Frequency Range
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com