Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A2000 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE15A2000 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE15A2000
Download  PE15A2000 Download
File Size   825.41 Kbytes
Page   10 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 500 MHz to 4 GHz Frequency Range

PE15A2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE15A2000 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE15A2000
Download  PE15A2000 Click to download

File Size   825.41 Kbytes
Page   10 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 500 MHz to 4 GHz Frequency Range

PE15A2000 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE15A2000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A2001 PASTERNACK-PE15A2001 Datasheet
794Kb / 9P
Ultra-High Speed Applications
PE15A2002 PASTERNACK-PE15A2002 Datasheet
941Kb / 10P
Ultra-High Speed Applications
PE15A2003 PASTERNACK-PE15A2003 Datasheet
1Mb / 10P
70 dB Successive Detection Log Video Amplifier
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
More results


Similar Description - PE15A2000

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
Frequency Range: 350.0 MHz to 1.7 GHz
SR-A29B0 NEL-SR-A29B0 Datasheet
166Kb / 2P
Frequency Range: 250.0 MHz-1.7 GHz
SR-A2A70 NEL-SR-A2A70 Datasheet
404Kb / 2P
Frequency Range: 250.0 MHz-1.7 GHz
S3-AA22X NEL-S3-AA22X Datasheet
381Kb / 2P
Frequency Range: 200 MHz to 1.7 GHz
logo
Pasternack Enterprises,...
PE7032-30 PASTERNACK-PE7032-30 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
PE7032-6 PASTERNACK-PE7032-6 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
logo
API Technologies Corp
MR141L APITECH-MR141L Datasheet
198Kb / 3P
RF/LO: 4 to 18 GHz IF: to 500 MHz
logo
API Delevan
TN9560 API-TN9560 Datasheet
162Kb / 3P
Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
50 MHz to 1 GHz Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
Wide frequency range 10 MHz to 1 GHz
25-Feb-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com