Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7032-6 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE7032-6 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE7032-6
Download  PE7032-6 Download
File Size   91.19 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz

PE7032-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE7032-6 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE7032-6
Download  PE7032-6 Click to download

File Size   91.19 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz

PE7032-6 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE7032-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7032-10 PASTERNACK-PE7032-10 Datasheet
218Kb / 3P
10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 500 Watts Up To 1 GHz
PE7032-2 PASTERNACK-PE7032-2 Datasheet
90Kb / 1P
20 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 500 Watts Up To 1 GHz
PE7032-20 PASTERNACK-PE7032-20 Datasheet
209Kb / 3P
20 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 500 Watts Up To 1 GHz
PE7032-3 PASTERNACK-PE7032-3 Datasheet
90Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500MHz
PE7032-30 PASTERNACK-PE7032-30 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
More results


Similar Description - PE7032-6

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2009-A1D MICRONETICS-NMA2009-A1D Datasheet
295Kb / 2P
Legacy 500 Hz to 500 MHz
NMA2009-A2S MICRONETICS-NMA2009-A2S Datasheet
163Kb / 2P
Legacy 500 Hz to 500 MHz
logo
Pasternack Enterprises,...
PE9719 PASTERNACK-PE9719 Datasheet
86Kb / 1P
1.85mm MALE TO N FEMALE FREQUENCY RANGE; DC TO 18 GHz
PE7003-6 PASTERNACK-PE7003-6 Datasheet
88Kb / 1P
TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE; DC TO 2,000MHz
PE7031-1 PASTERNACK-PE7031-1 Datasheet
89Kb / 1P
N ATTENUATOR MALE, TO FEMALE 300 WATT, FREQUENCY RANGE: DC TO 1 GHz
PE7032-3 PASTERNACK-PE7032-3 Datasheet
90Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500MHz
PE7032-30 PASTERNACK-PE7032-30 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
PE7003-2 PASTERNACK-PE7003-2 Datasheet
87Kb / 1P
TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE: DC TO 2,000 MHz
logo
API Delevan
TN9560 API-TN9560 Datasheet
162Kb / 3P
Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
Pasternack Enterprises,...
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
500 MHz to 4 GHz Frequency Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com