Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7031-1 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE7031-1 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE7031-1
Download  PE7031-1 Download
File Size   89.87 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N ATTENUATOR MALE, TO FEMALE 300 WATT, FREQUENCY RANGE: DC TO 1 GHz

PE7031-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE7031-1 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE7031-1
Download  PE7031-1 Click to download

File Size   89.87 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N ATTENUATOR MALE, TO FEMALE 300 WATT, FREQUENCY RANGE: DC TO 1 GHz

PE7031-1 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE7031-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7031-10 PASTERNACK-PE7031-10 Datasheet
254Kb / 3P
10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7031-10 PASTERNACK-PE7031-10 Datasheet
259Kb / 3P
10 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7031-10 PASTERNACK-PE7031-10_16 Datasheet
259Kb / 3P
10 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
More results


Similar Description - PE7031-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9719 PASTERNACK-PE9719 Datasheet
86Kb / 1P
1.85mm MALE TO N FEMALE FREQUENCY RANGE; DC TO 18 GHz
PE9721 PASTERNACK-PE9721 Datasheet
84Kb / 1P
1.85mm FEMALE TO N FEMALE FREQUENCY RANGE; DC TO 18 GHz
PE7003-6 PASTERNACK-PE7003-6 Datasheet
88Kb / 1P
TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE; DC TO 2,000MHz
PE7032-3 PASTERNACK-PE7032-3 Datasheet
90Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500MHz
PE7032-30 PASTERNACK-PE7032-30 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
PE7032-6 PASTERNACK-PE7032-6 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
PE7033-2 PASTERNACK-PE7033-2 Datasheet
254Kb / 1P
BNC FEMALE TWO STAGE BENCH MOUNT ROTARY ATTENUATOR, 1 WATT FREQUENCY RANGE: DC TO 2 GHz
PE7003-2 PASTERNACK-PE7003-2 Datasheet
87Kb / 1P
TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE: DC TO 2,000 MHz
logo
CRYSTEK CORPORATION
CATTEN-08R0-BNC CRYSTEKMICROWAVE-CATTEN-08R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
CATTEN-09R0-BNC CRYSTEKMICROWAVE-CATTEN-09R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com