Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTB-RHLQ91-32 Datasheet (PDF) - ams-OSRAM AG

KRTB-RHLQ91-32 Datasheet PDF - ams-OSRAM AG
Part # KRTB-RHLQ91-32
Download  KRTB-RHLQ91-32 Download
File Size   2169.76 Kbytes
Page   30 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DISPLIX® E2525

KRTB-RHLQ91-32 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRTB-RHLQ91-32 Datasheet PDF - ams-OSRAM AG

Part # KRTB-RHLQ91-32
Download  KRTB-RHLQ91-32 Click to download

File Size   2169.76 Kbytes
Page   30 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DISPLIX® E2525

KRTB-RHLQ91-32 Datasheet (HTML) - ams-OSRAM AG


KRTB-RHLQ91-32 Product details

Applications
- Entertainment - Projection & Display
Features
- Package: SMD epoxy package, colorless diffused resin
- Chip technology: InGaAlP on Sapphire / InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 621 nm (● red); λdom = 528 nm (● true green); λdom = 471 nm (● blue)
- ESD: 500 V acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)





Similar Part No. - KRTB-RHLQ91-32

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KRTB-111-B MSYSTEM-KRTB-111-B Datasheet
112Kb / 4P
Plug-in Signal Conditioners K-UNIT
KRTB-111-B/Q MSYSTEM-KRTB-111-B/Q Datasheet
112Kb / 4P
Plug-in Signal Conditioners K-UNIT
KRTB-111-C MSYSTEM-KRTB-111-C Datasheet
112Kb / 4P
Plug-in Signal Conditioners K-UNIT
KRTB-111-C/Q MSYSTEM-KRTB-111-C/Q Datasheet
112Kb / 4P
Plug-in Signal Conditioners K-UNIT
KRTB-111-D MSYSTEM-KRTB-111-D Datasheet
112Kb / 4P
Plug-in Signal Conditioners K-UNIT
More results


Similar Description - KRTB-RHLQ91-32

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRTBHDLP71.32 OSRAM-KRTBHDLP71.32 Datasheet
656Kb / 28P
DISPLIX E2020
LRTBGRTG OSRAM-LRTBGRTG Datasheet
908Kb / 26P
DISPLIX Blackprint
KTHAVPA1.12 OSRAM-KTHAVPA1.12 Datasheet
919Kb / 22P
DISPLIX Oval
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
SKY-TESL-A100-80P ADVANTECH-SKY-TESL-A100-80P Datasheet
205Kb / 1P
NVIDIA® Tesla® A100 80GB
13-Sep-2022
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com