Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTB-RHLQ91-32 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # KRTB-RHLQ91-32
Description  DISPLIX® E2525
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTB-RHLQ91-32 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button KRTB-RHLQ91-32 Datasheet HTML 2Page - ams-OSRAM AG KRTB-RHLQ91-32 Datasheet HTML 3Page - ams-OSRAM AG KRTB-RHLQ91-32 Datasheet HTML 4Page - ams-OSRAM AG KRTB-RHLQ91-32 Datasheet HTML 5Page - ams-OSRAM AG KRTB-RHLQ91-32 Datasheet HTML 6Page - ams-OSRAM AG KRTB-RHLQ91-32 Datasheet HTML 7Page - ams-OSRAM AG KRTB-RHLQ91-32 Datasheet HTML 8Page - ams-OSRAM AG KRTB-RHLQ91-32 Datasheet HTML 9Page - ams-OSRAM AG KRTB-RHLQ91-32 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
KRTB RHLQ91.32
DATASHEET
DATASHEET
6 | Version 1.1 | 2023-11-08
Brightness Groups
● red
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 6 mA
I
F = 6 mA
min.
max.
I
v
I
v
SE
201 mcd
250 mcd
SF
212 mcd
265 mcd
SG
224 mcd
280 mcd
SH
237 mcd
297 mcd
SI
250 mcd
315 mcd
Brightness Groups
● true green
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 6 mA
I
F = 6 mA
min.
max.
I
v
I
v
UG
560 mcd
710 mcd
UH
594 mcd
754 mcd
UI
630 mcd
800 mcd
UJ
669 mcd
849 mcd
VC
710 mcd
900 mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com