Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNBD350 Datasheet (PDF) - Microchip Technology

RNBD350 Datasheet PDF - Microchip Technology
Part # RNBD350
Download  RNBD350 Download
File Size   1772.7 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description RNBD350 Bluetooth® Low Energy Module

RNBD350 Datasheet (PDF)

Go To PDF Page Download Datasheet
RNBD350 Datasheet PDF - Microchip Technology

Part # RNBD350
Download  RNBD350 Click to download

File Size   1772.7 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description RNBD350 Bluetooth® Low Energy Module

RNBD350 Datasheet (HTML) - Microchip Technology


RNBD350 Product details

Features
• Fully RF-Certified Bluetooth® Low Energy Module
• Compact Form Factor (30-Pin SMD Package, 13.4 mm x 18.7 mm x 2.8 mm)
• On-Board Bluetooth 5.2 Low Energy Stack
• ASCII Command Interface Over UART
• Host Controller Interface (HCI) Mode
• ASCII Commands are Backward Compatible with RN487x Family of Modules
• Beacon Support
• Built-in Microchip Transparent Profile for UART Data Streaming
• Over-The-Air (OTA) Remote Configuration
• 2M Uncoded PHY and Long Range (Coded PHY)
• Extended Advertising
• Data Length Extensions and Secure Connections
• Bluetooth Low Energy Privacy 1.2 with Up to Eight Resolvable and Accept Lists
• UART-Based Device Firmware Update (DFU)
• Built-In Microchip OTA Profile with Server Role for OTA DFU Execution
– Host MCU OTA firmware update using RNBD350
• Integrated 16 MHz POSC
• Supports UART
• Seven GPIOs that Can Be Controlled by RN Command
• 12-Bit Analog-to-Digital Converters (ADC) Successive Approximation Register (SAR) Module for Analog-to-
Digital Conversion
• Add-On Up to Six 16-Bit UUID GATT Services (Public Service), Four 128-Bit UUID GATT Services (Private
Service) and Each Service Includes Up to Eight Characteristic Attributes
• Supports Bluetooth Low Energy Advertiser, Observer, Central and Peripheral Roles
• Supports Bluetooth Low Energy GATT Client and Server Roles
• Supports Up to Six Concurrent Bluetooth Low Energy Connections
• Multi-Link and Multi-Role
• Remote Command Mode in Multi-Link Connection:
– Client role only supported
• Secured Connection
• DTM Test Mode
• Supports PTA Control
Applications
• Health/Medical Devices
• Sports Activity/Fitness Meters
• Beacon Applications
• Internet of Things (IoT) Sensor Tag
• Remote Control
• Wearable Smart Devices and Accessories
• Smart Energy/Smart Home
• Industrial Control




Similar Part No. - RNBD350

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
RNBD451PE MICROCHIP-RNBD451PE Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
RNBD451PE-I MICROCHIP-RNBD451PE-I Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results


Similar Description - RNBD350

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
Bluetooth Low Energy Module
07/14/15
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
Bluetooth Low Energy Module
logo
Panasonic Semiconductor
PAN1720 PANASONIC-PAN1720 Datasheet
1Mb / 39P
Bluetooth Low Energy Module
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
PAN1762 PANASONIC-PAN1762 Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1780 PANASONIC-PAN1780 Datasheet
1Mb / 27P
Bluetooth Low Energy Module
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com