Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNBD350 Datasheet(PDF) 2 Page - Microchip Technology

Part # RNBD350
Description  RNBD350 Bluetooth® Low Energy Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD350 Datasheet(HTML) 2 Page - Microchip Technology

  RNBD350 Datasheet HTML 1Page - Microchip Technology RNBD350 Datasheet HTML 2Page - Microchip Technology RNBD350 Datasheet HTML 3Page - Microchip Technology RNBD350 Datasheet HTML 4Page - Microchip Technology RNBD350 Datasheet HTML 5Page - Microchip Technology RNBD350 Datasheet HTML 6Page - Microchip Technology RNBD350 Datasheet HTML 7Page - Microchip Technology RNBD350 Datasheet HTML 8Page - Microchip Technology RNBD350 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
RNBD350
 Data Sheet
© 2024–2026 Microchip Technology Inc. and its subsidiaries
DS70005561C - 2
• Supports Bluetooth Low Energy GATT Client and Server Roles
• Supports Up to Six Concurrent Bluetooth Low Energy Connections
• Multi-Link and Multi-Role
• Remote Command Mode in Multi-Link Connection:
– Client role only supported
• Secured Connection
• DTM Test Mode
• Supports PTA Control
Operational Conditions
• Operating Voltage:
– 3.3V typical
– MLDO mode (Linear Regulator): 1.9V - 3.6V
• Temperature Range: -40°C to +85°C
RF/Analog Features
• Industrial, Scientific and Medical (ISM) Band: 2.402-2.480 GHz Operation
• Channels: 0-39
• Up to +11 dBm Programmable Transmit Output Power
• Typical Receiver Power Sensitivity:
– -98 dBm for Bluetooth® Low Energy 1 Mbps
– -95 dBm for Bluetooth Low Energy 2 Mbps
– -108 dBm for Bluetooth Low Energy 125 Kbps
– -102 dBm for Bluetooth Low Energy 500 Kbps
• Digital Received Signal Strength Indicator (RSSI)
Applications
• Health/Medical Devices
• Sports Activity/Fitness Meters
• Beacon Applications
• Internet of Things (IoT) Sensor Tag
• Remote Control
• Wearable Smart Devices and Accessories
• Smart Energy/Smart Home
• Industrial Control
Package
• 30-pin SMD Package with Shield CAN
– Size: 13.4 mm x 18.7 mm x 2.8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com