Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNBD350 Datasheet(PDF) 13 Page - Microchip Technology

Part # RNBD350
Description  RNBD350 Bluetooth® Low Energy Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD350 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RNBD350 Datasheet HTML 9Page - Microchip Technology RNBD350 Datasheet HTML 10Page - Microchip Technology RNBD350 Datasheet HTML 11Page - Microchip Technology RNBD350 Datasheet HTML 12Page - Microchip Technology RNBD350 Datasheet HTML 13Page - Microchip Technology RNBD350 Datasheet HTML 14Page - Microchip Technology RNBD350 Datasheet HTML 15Page - Microchip Technology RNBD350 Datasheet HTML 16Page - Microchip Technology RNBD350 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
RNBD350
Electrical Characteristics
 Data Sheet
© 2024–2026 Microchip Technology Inc. and its subsidiaries
DS70005561C - 13
4.2.
DC Electrical Characteristics
Table 4-2. Operating Frequency VS. Voltage
Param. No.
VDD, VDD_A Range
Temp. Range (in °C)
Max. MCU Frequency
Comments
DC_5
1.9V to 3.6V
-40°C to +85°C
64 MHz
Industrial
Note: The same voltage must be applied to VDD and VDD_A.
4.3.
Active Current Consumption DC Electrical Specifications
Table 4-3. Active Current Consumption DC Electrical Specifications
DC Characteristics
Standard Operating Conditions: VDD = 1.9V to 3.6V
(unless otherwise stated) Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial Temp
Param. No.
Symbol
Characteristics
Clock/Freq
Typ.
Max.
Units
Conditions
APWR_1
IDD_ACTIVE
MCU IDD in Active
mode w/LDO
mode selected
PLL 64 MHz
8.29
20.99
mA
VDD = 3.3V,
TA = 25°C
4.4.
Sleep Current Consumption DC Electrical Specifications
Table 4-4. Sleep Current Consumption DC Electrical Specifications
DC Characteristics
Standard Operating Conditions: VDD = 1.9V to 3.6V (unless otherwise
stated) Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial
Temp
Param. No. Symbol
Characteristics
VDD
Typ.
Max.
Units
Conditions
SPWR_5
IDD_SLEEP
MCU IDD in Sleep
mode w/LDO
mode selected
3.3V
0.99
8.45
mA
XTAL=ON
4.5.
Deep Sleep Current Consumption DC Electrical Specifications
Table 4-5. Deep Sleep Current Consumption DC Electrical Specifications
DC Characteristics
Standard Operating Conditions: VDD = 1.9V to 3.6V (unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial Temp
Param.
No.
Symbol
Characteristics
VDD
Typ.
Max.
Units
Conditions
BPWR_9
IDD_BACKUP MCU IDD in
Deep Sleep mode
powered from VDD
3.6V
1.17
12.69
µA
32K Backup RAM
4.6.
XDS (Extreme Deep Sleep) Current Consumption DC Electrical Specifications
Table 4-6. XDS (Extreme Deep Sleep) Current Consumption DC Electrical Specifications
DC Characteristics
Standard Operating Conditions: VDD = 1.9V to 3.6V (unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial Temp
Param.
No.
Symbol Characteristics
VDD
Typ.
Max.
Units
Conditions
OPWR_1
IDD_OFF MCU IDD in XDS
mode powered
from VDD
3.3V
0.14
2.49
µA
In OFF mode, the device is
entirely powered-off.
Note: This mode is exited
when the RESET pin is driven
low or after a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com