Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNBD350 Datasheet(PDF) 36 Page - Microchip Technology

Part # RNBD350
Description  RNBD350 Bluetooth® Low Energy Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD350 Datasheet(HTML) 36 Page - Microchip Technology

Back Button RNBD350 Datasheet HTML 32Page - Microchip Technology RNBD350 Datasheet HTML 33Page - Microchip Technology RNBD350 Datasheet HTML 34Page - Microchip Technology RNBD350 Datasheet HTML 35Page - Microchip Technology RNBD350 Datasheet HTML 36Page - Microchip Technology RNBD350 Datasheet HTML 37Page - Microchip Technology RNBD350 Datasheet HTML 38Page - Microchip Technology RNBD350 Datasheet HTML 39Page - Microchip Technology RNBD350 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
RNBD350
Physical Dimensions and Attributes
 Data Sheet
© 2024–2026 Microchip Technology Inc. and its subsidiaries
DS70005561C - 36
• Position the RNBD350 module in a noise-free RF environment; keep it far away from high-
frequency clock signals and any other sources of RF energy.
• Do not shield the antenna with any metal objects.
• The power supply must be clean and noise-free.
• Ensure that the width of the traces routed to GND, VDD rails are sufficiently large for handling
peak TX current consumption.
Note: The RNBD350 module includes RF shielding on top of the board as a standard feature.
6.5.
RNBD350 Module Antenna Considerations
6.5.1.
PCB Antenna
For the RNBD350 module, the PCB antenna is fabricated on the top copper layer and covered in a
solder mask. The layers below the antenna do not have copper trace. It is recommended that the
module be mounted on the edge of the host board and to have no PCB material below the antenna
structure of the module and no copper traces or planes on the host board in that area.
The following table lists the technical specification of the PCB antenna when tested with the
RNBD350 module mounted on an Evaluation Board.
Table 6-1. PCB Antenna Specification for RNBD350 Module
Parameter
Specification
Operating frequency
2400 to 2500 MHz
Peak gain
2.9 dBi at 2430 MHz
Efficiency
50%
PCB Antenna Radiation Pattern
The following figures illustrate the antenna radiation patterns for RNBD350 module.
Figure 6-3. RNBD350 Antenna Radiation Pattern when Phi = 0°
Angle (°)
0
180
30
210
60
240
90
270
120
300
150
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com