Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNBD350 Datasheet(PDF) 21 Page - Microchip Technology

Part # RNBD350
Description  RNBD350 Bluetooth® Low Energy Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD350 Datasheet(HTML) 21 Page - Microchip Technology

Back Button RNBD350 Datasheet HTML 17Page - Microchip Technology RNBD350 Datasheet HTML 18Page - Microchip Technology RNBD350 Datasheet HTML 19Page - Microchip Technology RNBD350 Datasheet HTML 20Page - Microchip Technology RNBD350 Datasheet HTML 21Page - Microchip Technology RNBD350 Datasheet HTML 22Page - Microchip Technology RNBD350 Datasheet HTML 23Page - Microchip Technology RNBD350 Datasheet HTML 24Page - Microchip Technology RNBD350 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
RNBD350
Electrical Characteristics
 Data Sheet
© 2024–2026 Microchip Technology Inc. and its subsidiaries
DS70005561C - 21
Table 4-16. Bluetooth Low Energy RF Characteristics (continued)
AC Characteristics
Standard Operating Conditions: VDD = 1.9V to 3.6V (unless
otherwise stated) Operating Temperature: -40°C ≤ TA ≤
+85°C for Industrial Temp
Param.
No.
Symbol
Characteristics
Min.
Typ.(1)
Max.
Units
Conditions(2)
BTRX2
MAXINSIG
Maximum input signal
level at 1 Mbps
—
-2
—
dBm
—
Maximum input signal
level at 2 Mbps
—
-2
—
dBm
—
Maximum input signal
level at S=2
—
-2
—
dBm
—
Maximum input signal
level at S=8
—
-2
—
dBm
—
BTRX3
CI1M:COCH
C/I Co channel rejection
—
14
—
dB
—
CI1M: ± -1 MHz
C/I adjacent channel
rejection
—
16
—
dB
—
CI1M: ± -2 MHz
C/I adjacent channel
rejection
—
7
—
dB
—
CI1M:ADJ(3+n)
C/I alternate channel
rejection
—
8
—
dB
—
CI1M:IMG
C/I image frequency
rejection
—
12
—
dB
—
CI1M:IMG ± -1 MHz
C/I adjacent channel to
image freq rejection
—
11
—
dB
—
BTRX4
CIS2:COCH
C/I Co channel rejection
—
9
—
dB
—
CIS2: ± -1 MHz
C/I adjacent channel
rejection
—
20
—
dB
—
CIS2: ± -2 MHz
C/I adjacent channel
rejection
—
15
—
dB
—
CIS2:ADJ(3+n)
C/I alternate channel
rejection
—
7
—
dB
—
CIS2:IMG
C/I image frequency
rejection
—
15
—
dB
—
CIS2:IMG ± -1 MHz
C/I adjacent channel to
image freq rejection
—
13
—
dB
—
BTRX5
CIS8:COCH
C/I Co channel rejection
—
5
—
dB
—
CIS8: ± -1 MHz
C/I adjacent channel
rejection
—
20
—
dB
—
CIS8: ± -2 MHz
C/I adjacent channel
rejection
—
11
—
dB
—
CIS8:ADJ(3+n)
C/I alternate channel
rejection
—
3
—
dB
—
CIS8:IMG
C/I image frequency
rejection
—
11
—
dB
—
CIS2:IMG ± -1 MHz
C/I adjacent channel to
image freq rejection
—
15
—
dB
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com