Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVX1016-US Datasheet (PDF) - Infinite Electronics International, Inc.

AVX1016-US Datasheet PDF - Infinite Electronics International, Inc.
Part # AVX1016-US
Download  AVX1016-US Download
File Size   1237.3 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description High density, small form factor, secure KVM via CATx switch

AVX1016-US Datasheet (PDF)

Go To PDF Page Download Datasheet
AVX1016-US Datasheet PDF - Infinite Electronics International, Inc.

Part # AVX1016-US
Download  AVX1016-US Click to download

File Size   1237.3 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description High density, small form factor, secure KVM via CATx switch

AVX1016-US Datasheet (HTML) - Infinite Electronics International, Inc.


AVX1016-US Product details

True multi-platform support
The AdderView CATx 1000 supports any computer
platforms with PS/2, USB and Sun keyboard and mouse
interfaces. Country code reporting, DDC and continuous
keyboard and mouse emulation ensure faultless operation

USB keyboard and mouse control
Any USB style keyboard and mouse (PC, Mac or Sun) can
be used to control the AdderView CATx 1000 switch. Full
keyboard re-mapping is supported to ensure seemless
cross platform functionality

Faultless video quality
The AdderView CATx series provides exceptionally
high video performance to local and remote users alike,
supporting up to 1600 x 1200 @ 85 Hz resolutions
with DDC emulation which is further enhanced by DC
balancing to ensure full and true color

Easy cascade
Expand simply by using automatically detected CATx cascade
connections to support up to 256 computers

Optional CD quality audio
The AdderView CATx 1000 switches support CD quality
44.1kHz digital stero audio when optional audio enabled CIM
modules are used

Options port
• Integration with RS232 controlled power switches to
provide a complete hard reboot function
• Flash upgrade
• Sync with other CATx 1000 switches for multi-video
applications
• Upload/download CATx 1000 user and host information
• Remote control

Integrated CATx extender
The AdderView CATx 1000 can be controlled by a user from
up to 300m/1000 ft away over CATx cable using the AdderView
X200 receiver and the integrated CATx extender

Computer Access Modules
Flash upgradeable CAMs available for PS/2, USB and Sun
keyboard and mouse support with optional audio

Rack mount
1 or 2 AdderView CATx 1000 switches can be mounted in 1U of
rack height giving a maximum of 32 ports per 1U

User access control
Up to 16 different user profiles can be created and enables
access rights for each user to be defined.




Similar Part No. - AVX1016-US

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVX1016IP-US L-COM-AVX1016IP-US Datasheet
737Kb / 2P
Performance KVM - high density fully featured USB, Video and Audio control
AVX1016IPUS L-COM-AVX1016IPUS Datasheet
737Kb / 2P
ADDERView CATxIP 1000
AVX1016US L-COM-AVX1016US Datasheet
1Mb / 2P
ADDERVIEW CATx 1000
More results


Similar Description - AVX1016-US

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
Enhanced Small Form-Factor
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
High-gain in a small form factor
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
Small Form Factor CRB
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com