Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H27Q Datasheet (PDF) - STMicroelectronics

MK50H27Q Datasheet PDF - STMicroelectronics
Part # MK50H27Q
Download  MK50H27Q Download
File Size   417.61 Kbytes
Page   56 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Signalling System 7 Link Controller

MK50H27Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MK50H27Q Datasheet PDF - STMicroelectronics

Part # MK50H27Q
Download  MK50H27Q Click to download

File Size   417.61 Kbytes
Page   56 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Signalling System 7 Link Controller

MK50H27Q Datasheet (HTML) - STMicroelectronics


MK50H27Q Product details

SECTION 2 - INTRODUCTION
The SGS - Thomson SS7 Signalling Link Controller (MK50H27) is a VLSI semiconductor device which provides a complete level 2 data communication control conforming to the CCITT, ANSI, BELLCORE, and AT&T versions of SS7, as well as options to allow conformance to TTC JT-Q703 (Japanese SS7). This includes signal unit formatting, transparency (so-called "bit-stuffing"), error recovery by two types of retransmission, error monitoring, sequence number control, link status control, and fill in signal unit generation.

SECTION 1 - FEATURES
■ Complete Level 2 Implementation of SS7.
■ Compatible with 1988 CCITT, AT&T, ANSI, and Bellcore Signalling System Number 7 link level protocols.
■ Optional operation to comply with Japanese TTC JT-Q703 specification requirements
■ Pin-for-pin and architecturally compatible with MK50H25 (X.25/LAPD), MK50H29 (SDLC), and MK50H28(Frame Relay).
■ System clock rates up to 33 MHz (MK50H27 - 33), or 25 MHz (MK50H27 - 25).
■ Data rate up to 4 Mbps continuous for SS7 protocol processing, 20 Mbps for transparent HDLC mode, or up to 51 Mbps bursted (gapped data clocks, non-continuous data).
■ On chip DMA control with programmable burst length.
■ DMA transfer rate of up to 13.3 Mbytes/sec using optional 5 SYSCLK DMA cycle (150 nS) at 33 MHz SYSCLK.
■ Buffer Management includes:
    - Initialization Block
    - Separate Receive and Transmit Rings
    - Variable Descriptor Ring and Window Sizes.
■ Selectable BEC or PCR retransmission methods, including forced retransmission for PCR.
■ Handles all 7 SS7 Timers, plus the additional
■ Signal Unit interval timers for Japanese SS7.
■ Handles all SS7 frame formatting:
    - Zero bit insert and delete
    - FCS generation and detection
    - Frame delimiting with flags
■ Programmable minimum Signal Unit spacing (number of flags between SU’s)
■ Handles all sequencing and link control.
■ Selectable FCS of 16 or 32 bits.
■ Testing Facilities:
    - Internal Loopback
    - Silent Loopback
    - Optional Internal Data Clock Generation
    - Self Test.
■ Programmable for full or half duplex operation Programmable Watchdog Timers for RCLK and TCLK (to detect absence of data clocks)




Similar Part No. - MK50H27Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK50H25 STMICROELECTRONICS-MK50H25 Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25DIP STMICROELECTRONICS-MK50H25DIP Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25PLCC STMICROELECTRONICS-MK50H25PLCC Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25Q STMICROELECTRONICS-MK50H25Q Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H28 STMICROELECTRONICS-MK50H28 Datasheet
429Kb / 64P
MULTI LOGICAL LINK FRAME RELAY CONTROLLER
Mar-2000
More results


Similar Description - MK50H27Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK5027 STMICROELECTRONICS-MK5027 Datasheet
183Kb / 19P
SS7 SIGNALLING LINK CONTROLLER
Aug-1989
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
VAN Data Link Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-S10TR001Z AVAGO-AFBR-S10TR001Z Datasheet
240Kb / 6P
Versatile Link connector system
logo
LANSDALE Semiconductor ...
ML145488 LANSDALE-ML145488 Datasheet
200Kb / 12P
Dual Data Link Controller
logo
OSRAM GmbH
LCYW5SM OSRAM-LCYW5SM_18 Datasheet
1Mb / 23P
Signalling
LRW5SM OSRAM-LRW5SM_18 Datasheet
1Mb / 22P
Signalling
LAG6SP.01 OSRAM-LAG6SP.01 Datasheet
1Mb / 21P
Signalling
LRG6SP.01 OSRAM-LRG6SP.01 Datasheet
1Mb / 21P
Signalling
LSG6SP.01 OSRAM-LSG6SP.01 Datasheet
1Mb / 21P
Signalling
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com