Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL0321C Datasheet (PDF) - Renesas Technology Corp

AT25QL0321C Datasheet PDF - Renesas Technology Corp
Part # AT25QL0321C
Download  AT25QL0321C Download
File Size   3881.59 Kbytes
Page   92 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support

AT25QL0321C Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25QL0321C Datasheet PDF - Renesas Technology Corp

Part # AT25QL0321C
Download  AT25QL0321C Click to download

File Size   3881.59 Kbytes
Page   92 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support

AT25QL0321C Datasheet (HTML) - Renesas Technology Corp


AT25QL0321C Product details

▪ Single 1.65 V - 1.95 V supply
▪ Serial Peripheral Interface (SPI) and Quad Peripheral Interface (QPI) compatible support
• Supports SPI Modes 0 and 3
• Supports SPI dual output operations (1-1-2)
• Supports Quad output operations (1-1-4)
• Supports Quad I/O / XiP operations (1-4-4, 0-4-4)
• Supports QPI I/O operations (4-4-4)
▪ Read Operations
• Fast Read up to 133 MHz with 30 pF load
• Clock-to-Output (tV1/tCLQV) of 6 ns
• Up to 266 Mb/s continuous data transfer rate (Dual I/O)
• Up to 532 Mb/s continuous data transfer rate (Quad I/O and QPI)
• XiP (eXecute in Place) operation: continuous read with 8/16/32/64-byte wrap
▪ Full Chip Erase
▪ Flexible Erase Architecture and Time
• 20 ms Typical 4-kB Block Erase Time (Typical)
• 85 ms Typical 32-kB Block Erase Time (Typical)
• 160 ms Typical 64-kB Block Erase Time (Typical)
▪ Flexible Programming and Time
• Byte/Page Program (1 to 256 Bytes)
• Dual or Quad Input Byte/Page Program (1 to 256 Bytes)
▪ Erase/Program Suspend and Resume
▪ JEDEC Standard Manufacturer and Device ID
▪ Memory Protection Support
• User-Definable Protected Area at Start or End of Memory Array
• Enable/Disable Protection with WP Pin
▪ 3 x 1024-Byte One-Time Programmable (OTP) Security Registers
▪ Serial Flash Discoverable Parameters (SFDP) Register
▪ Low Power Dissipation
• 0.3 μA Deep Power-Down Current (Typical)
• 7.5 μA Standby current (Typical)
• 2 mA Active Read Current (80 MHz Typical)
▪ Endurance: 100,000 program/erase cycles (4-kB, 32-kB, or 64-kB blocks)
▪ Data Retention: 20 Years
▪ Temperature Range: -40 °C to +85 °C (Industrial)
▪ Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
• 8-pad 2 x 3 x 0.6 mm DFN
• 8-pad, 3 x 4 x 0.6 mm DFN
• 8-pad, 6 x 5 x 0.6 mm DFN
• 8-lead, 208-mil Wide and 150-mil Narrow SOIC
• 8-ball, WLCSP




Similar Part No. - AT25QL0321C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AT25QL0641C-MBUE-T RENESAS-AT25QL0641C-MBUE-T Datasheet
3Mb / 90P
64-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Jun 11, 2025
AT25QL0641C-MCUE-T RENESAS-AT25QL0641C-MCUE-T Datasheet
3Mb / 90P
64-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Jun 11, 2025
AT25QL0641C-MUE-T RENESAS-AT25QL0641C-MUE-T Datasheet
3Mb / 90P
64-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Jun 11, 2025
AT25QL0641C-SUE-T RENESAS-AT25QL0641C-SUE-T Datasheet
3Mb / 90P
64-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Jun 11, 2025
AT25QL0641C-UAUE-T RENESAS-AT25QL0641C-UAUE-T Datasheet
3Mb / 90P
64-Mbit, 1.65 V – 1.95 V SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Jun 11, 2025
More results


Similar Description - AT25QL0321C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25QL128A DIALOG-AT25QL128A Datasheet
5Mb / 84P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
AT25QL321 DIALOG-AT25QL321 Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SF321B DIALOG-AT25SF321B Datasheet
1Mb / 61P
32-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SL321 DIALOG-AT25SL321 Datasheet
5Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
logo
Renesas Technology Corp
AT25QF641 RENESAS-AT25QF641 Datasheet
6Mb / 72P
64-Mbit, 2.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
6/2022
AT25QL321 RENESAS-AT25QL321 Datasheet
4Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Nov 1, 2022
AT25QL641 RENESAS-AT25QL641 Datasheet
3Mb / 80P
SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
Sep 14, 2022
AT25SF321B RENESAS-AT25SF321B Datasheet
2Mb / 63P
32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
AT25SL321 RENESAS-AT25SL321 Datasheet
4Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Nov 1, 2022
AT25SL641 RENESAS-AT25SL641 Datasheet
3Mb / 83P
64-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
Sep 26, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com