Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-CELMM2-TK Datasheet (PDF) - ams-OSRAM AG

KW-CELMM2-TK Datasheet PDF - ams-OSRAM AG
Part # KW-CELMM2-TK
Download  KW-CELMM2-TK Download
File Size   1907.1 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ Boost HM

KW-CELMM2-TK Datasheet (PDF)

Go To PDF Page Download Datasheet
KW-CELMM2-TK Datasheet PDF - ams-OSRAM AG

Part # KW-CELMM2-TK
Download  KW-CELMM2-TK Click to download

File Size   1907.1 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ Boost HM

KW-CELMM2-TK Datasheet (HTML) - ams-OSRAM AG


KW-CELMM2-TK Product details

Applications
- Dynamic Forward Lighting - Static Forward Lighting
Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.3104, Cy = 0.3162 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KW-CELMM2-TK

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KW-CELMM1-TG AMSOSRAM-KW-CELMM1-TG Datasheet
2Mb / 25P
OSLON™ Boost HM
Version 1.4 2026-03-03
More results


Similar Description - KW-CELMM2-TK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
LYCKBP OSRAM-LYCKBP Datasheet
960Kb / 21P
OSLON Signal
LTCQBP OSRAM-LTCQBP_18 Datasheet
964Kb / 21P
OSLON Signal
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
SFH-4710 OSRAM-SFH-4710 Datasheet
192Kb / 12P
OSLON Compact
logo
ams AG
KWCELMM1.TG AMSCO-KWCELMM1.TG Datasheet
1Mb / 24P
OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.2 2021-07-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com