Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF20 Datasheet (PDF) - LUMEL S.A.

NF20 Datasheet PDF - LUMEL S.A.
Part # NF20
Download  NF20 Download
File Size   628.13 Kbytes
Page   6 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description POWeR FactOR cOntROlleR

NF20 Datasheet (PDF)

Go To PDF Page Download Datasheet
NF20 Datasheet PDF - LUMEL S.A.

Part # NF20
Download  NF20 Click to download

File Size   628.13 Kbytes
Page   6 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description POWeR FactOR cOntROlleR

NF20 Datasheet (HTML) - LUMEL S.A.


NF20 Product details

• Programmable Switch in time, Switch Off time and discharge time.
• alarm message and relay.
• Monitoring of the individual capacitor power values.
• Programmable individual banks kvar value.
• Operation time of capacitor.
• capacitor switching count helps in increasing life of capacitor banks.
• lcd display with 2x16 characters for ease of readability.
• Relay steps : 4, 6 or 8 switching output available.
• Measurement around 73 (Modbus) electrical parameters (40 displayed on display).
• true RMS measurement up to 31st harmonics.
• Wide voltage measuring input: 30 to 550V ac (l-l / l-n) with accuracy of 0.5%.
• Four-quadrant operation.
• interface RS485 Modbus for monitoring the PFc parameters remotely (optional).
• Wide auxiliary supply: 110 to 550 V ac/dc.




Similar Part No. - NF20

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
NF2000-S MITSUBISHI-NF2000-S Datasheet
1Mb / 105P
TECHNICAL NOTES
logo
Soshin electric Co., Lt...
NF2000A-RQ SOSHIN-NF2000A-RQ Datasheet
141Kb / 3P
Single-phase 2-line 250VAC
NF2000A-SUM SOSHIN-NF2000A-SUM Datasheet
191Kb / 3P
Single-phase 2-line 250VAC
NF2000A-UP SOSHIN-NF2000A-UP Datasheet
61Kb / 2P
Single-phase 2-line General-purpose, Plastic housing
NF2000C-RQ SOSHIN-NF2000C-RQ Datasheet
195Kb / 3P
Single-phase 2-line 500VAC Available 10-250A, Single-phase General-purpose
More results


Similar Description - NF20

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
POWER FACTOR CONTROLLER
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
POWER FACTOR CONTROLLER
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
Power Factor Controller
January, 2007 ??Rev. 2
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
Power Factor Controller
October, 2005 ??Rev. 10
logo
Fairchild Semiconductor
SG6961 FAIRCHILD-SG6961 Datasheet
576Kb / 14P
Power Factor Controller
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
Power Factor Controller
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
Power Factor Controller
March, 2015 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com