Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6415 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6415 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6415
Download  FMSW6415 Download
File Size   944.52 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT Latching DC to 18 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 12V, 5M Lifecycles, SMT

FMSW6415 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6415 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6415
Download  FMSW6415 Click to download

File Size   944.52 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPDT Latching DC to 18 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 12V, 5M Lifecycles, SMT

FMSW6415 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6415 Product details

Features
• and has a long and reliable lifespan up to 5M lifecycles typical (at low level) with
• excellent repeatability and thermal resistance. The innovative micro-mechanical
• design is in a miniature true surface mount package that’s ideal for space limited
• applications. RF and command ports have gold plated access and the package can
• be mounted to a PWB using infrared reflow, forced air oven, or hand soldering
• processes. Impressive performance includes 1 dB max insertion loss, 1.7:1 VSWR,
• and 40 dB isolation. Input power handling for hot switching is rated up to 40W,
• and operating voltage is +12 Vdc with 58 mA operating current. Performance is
• guaranteed over -40°C to +85°C and the switch assembly is RoHS and REACH
• compliant.
Features
• Single Pole Double Throw
• SMT Relay Switch
• DC to 8 GHz Frequency Range
• 5M Cycle Min Operating
• Life (Cold Switching)
• +12 Volt DC
• Up to 40W Average Power
• (Hot Switching)
• -40°C to +85°C Operating
• Temperature
• Insertion Loss 1 dB Max
• VSWR 1.7:1 Max
• Latching Actuator
• Miniature True Surface
• Mount Package Design
• Applications:
• High Performance Relay Switch
• Instrumentation
• Modular Instrumentation
• Military Commuinications
• Communications Systems
• Test & Measurement
• ECM Equipment
• Tower Mount Amplifier
• Repeaters/Radio Links
• Remote Radio Unit (RRU)




Similar Part No. - FMSW6415

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6410 FAIRVIEW-FMSW6410 Datasheet
819Kb / 5P
SP10T NO DC to 20 GHz Electro-Mechanical Relay Switch, up to 90W, 28V, SMA
REV 1.0
FMSW6413 FAIRVIEW-FMSW6413 Datasheet
941Kb / 8P
SPDT Latching DC to 8 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 12V, 5M Lifecycles, SMT
REV 1.0A
FMSW6416 FAIRVIEW-FMSW6416 Datasheet
944Kb / 8P
SPDT Latching DC to 18 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 24V, 5M Lifecylces, SMT
REV 1.0A
FMSW6417 FAIRVIEW-FMSW6417 Datasheet
942Kb / 8P
SPDT Latching DC to 26.5 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 12V, 5M Lifecycles, SMT
REV 1.0A
FMSW6418 FAIRVIEW-FMSW6418 Datasheet
941Kb / 8P
SPDT Latching DC to 26.5 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 24V, 5M Lifecycles, SMT
REV 1.0A
More results


Similar Description - FMSW6415

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6102 PASTERNACK-PE71S6102 Datasheet
444Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6107 PASTERNACK-PE71S6107 Datasheet
454Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6155 PASTERNACK-PE71S6155 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6156 PASTERNACK-PE71S6156 Datasheet
408Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6158 PASTERNACK-PE71S6158 Datasheet
397Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6160 PASTERNACK-PE71S6160 Datasheet
408Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6162 PASTERNACK-PE71S6162 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6163 PASTERNACK-PE71S6163 Datasheet
405Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6091 PASTERNACK-PE71S6091 Datasheet
457Kb / 6P
SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Latching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com