Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6410 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6410 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6410
Download  FMSW6410 Download
File Size   819.29 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP10T NO DC to 20 GHz Electro-Mechanical Relay Switch, up to 90W, 28V, SMA

FMSW6410 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6410 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6410
Download  FMSW6410 Click to download

File Size   819.29 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP10T NO DC to 20 GHz Electro-Mechanical Relay Switch, up to 90W, 28V, SMA

FMSW6410 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6410 Product details

Features
• operation. Impressive performance includes insertion loss less than 0.25 dB
• typical and isolation greater than 80 dB typical. The Normally Open actuator has a
• +28 Vdc bias voltage, and operates over a temperature range of -25°C to +70°C.
• The rugged and compact package assembly supports SMA Female connectors and
• a 15 Pin D-Sub Connector for DC Control. And for highly reliable operation, the
• model is guranteed to meet MIL-STD-202 environmental test conditions for shock
• and random vibration.
Features
• Single Pole Ten Throw
• DC to 20 GHz Frequency Range
• Isolation greater than
• 80 dB typical
• 2M Cycle Min Operating Life
• +28 Volt DC
• 90 Watt average Power
• Normally Open Actuator
• -25 to +70°C Operating
• Temperature
• Insertion Loss as low
• as 0.25 dB Max
• VSWR 1.25:1 Max
• SMA Female RF connectors
• 15 Pin D-Sub Connector
• for DC Control
• Hot Switching Capability
• - Consult Factory
• S-Parameter Data
• available upon request
• Applications:
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement




Similar Part No. - FMSW6410

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6413 FAIRVIEW-FMSW6413 Datasheet
941Kb / 8P
SPDT Latching DC to 8 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 12V, 5M Lifecycles, SMT
REV 1.0A
FMSW6415 FAIRVIEW-FMSW6415 Datasheet
944Kb / 8P
SPDT Latching DC to 18 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 12V, 5M Lifecycles, SMT
REV 1.0A
FMSW6416 FAIRVIEW-FMSW6416 Datasheet
944Kb / 8P
SPDT Latching DC to 18 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 24V, 5M Lifecylces, SMT
REV 1.0A
FMSW6417 FAIRVIEW-FMSW6417 Datasheet
942Kb / 8P
SPDT Latching DC to 26.5 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 12V, 5M Lifecycles, SMT
REV 1.0A
FMSW6418 FAIRVIEW-FMSW6418 Datasheet
941Kb / 8P
SPDT Latching DC to 26.5 GHz Electro- Mechanical Relay Switch, Hot Switching, up to 40W, 24V, 5M Lifecycles, SMT
REV 1.0A
More results


Similar Description - FMSW6410

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7160 PASTERNACK-PE7160 Datasheet
338Kb / 1P
SMA SP10T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6315 PASTERNACK-PE71S6315 Datasheet
504Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6316 PASTERNACK-PE71S6316 Datasheet
504Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6302 PASTERNACK-PE71S6302 Datasheet
466Kb / 6P
SP4T Electromechanical Relay Normally Open Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6306 PASTERNACK-PE71S6306 Datasheet
467Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6309 PASTERNACK-PE71S6309 Datasheet
459Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com