Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-SSMC2 Datasheet (PDF) - Infinite Electronics International, Inc.

ST-SSMC2 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST-SSMC2
Download  ST-SSMC2 Download
File Size   490.1 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SSMC Fixed Torque Wrench in Screwdriver Type 5/32 inch Bit that is Pre-set to 2 in-lbs

ST-SSMC2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST-SSMC2 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST-SSMC2
Download  ST-SSMC2 Click to download

File Size   490.1 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SSMC Fixed Torque Wrench in Screwdriver Type 5/32 inch Bit that is Pre-set to 2 in-lbs

ST-SSMC2 Datasheet (HTML) - Infinite Electronics International, Inc.


ST-SSMC2 Product details

Features
• preset torque value is achieved, eliminating any chance of over tightening the
• coupling nut on the connector. Screwdriver type torque wrenches are useful for
• hard to reach connectors. Fairview Microwave’s screwdriver type SSMC torque
• wrenches are in-stock and also available for a wide variety of other RF connectors,
• all of which ship the same day. These RF torque wrenches are calibrated at time
• of manufacture in compliance with ANSI/NCSL Z540 or other internationally
• recognized standard.
• Configuration
• Torque Type
• Fixed
• Design Type
• Screwdriver
• Hex Size
• 5/32 in
• Torque Setting
• 2 in-lbs [0.23 Nm]
• Torque Accuracy Percentage
• ±4 %
• Size
• Length
• 5.48 in [139.19 mm]
• Handle Diameter
• 0.7 in [17.78 mm]
• .
• Weight
• 0.185 lbs [83.91 g]
• Compliance Certifications (see product page for current document)
• Notes:
• Do not use on damaged connectors.
• The torque wrench is verified at the factory and cannot be calibrated by
• the user. We cannot re-calibrate the unit.
• SSMC Fixed Torque Wrench in Screwdriver Type 5/32 inch Bit that is Pre-set to 2
• in-lbs from Fairview Microwave is in-stock and available to ship same-day. All of
• our RF/microwave products are available off-the-shelf from our ISO 9001:2008
• certified facilities in Lewisville, Texas. Fairview Microwave is RF on-demand.
• For additional information on this product, please click the following link: SSMC
• Fixed Torque Wrench in Screwdriver Type 5/32 inch Bit that is Pre-set to 2 in-lbs
• ST-SSMC2
• URL: https://www.fairviewmicrowave.com/ssmc-fixed-torque-wrench-screw­
• driver-st-ssmc2-p.aspx
• ST-SSMC2
• DATA SHEET
• SSMC Fixed Torque Wrench in Screwdriver Type
• 5/32 inch Bit that is Pre-set to 2 in-lbs
• Fairview Microwave
• 301 Leora Ln., Suite 100
• Lewisville, TX 75056
• Tel: 1-800-715-4396 / (972) 649-6678
• Fax: (972) 649-6689
• www.fairviewmicrowave.com
• sales@fairviewmicrowave.com
Features
• Designed for continual use
• Torque wrench will internally
• slip once torque value
• force is achieved
• Designed to prevent over torque
• Applications:
• Attaching test cables in
• lab environments
• Final production
• attachment of product
• Field install and testing
• applications
• Anytime accurate
• torque is needed while
• preventing over-torque




Similar Part No. - ST-SSMC2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST-SSMC FAIRVIEW-ST-SSMC Datasheet
386Kb / 2P
ST-SSMC DATA SHEET SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs
REV 2.2
ST-SSMC-532-BO2 FAIRVIEW-ST-SSMC-532-BO2 Datasheet
451Kb / 2P
SSMC Fixed Torque Wrench in Break-Over Type 5/32 inch Bit that is Pre-set to 2 in-lbs
REV 1.4
ST-SSMC1 FAIRVIEW-ST-SSMC1 Datasheet
380Kb / 2P
ST-SSMC1 DATA SHEET SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs
REV 2.1
More results


Similar Description - ST-SSMC2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5011-1 PASTERNACK-PE5011-1 Datasheet
220Kb / 1P
PRESET TORQUE WRENCH USE FOR SMA, 2,9mm AND 3,5mm 8 IN LBS HEX SIZE 5/16
PE5011-4 PASTERNACK-PE5011-4 Datasheet
73Kb / 1P
PRESET TORQUE WRENCH USE FIR TNC(HEX NUT), 14 IN LBS, HEX SIZ 5/8
PE5011-5 PASTERNACK-PE5011-5 Datasheet
217Kb / 1P
PRESET TORQUE WRENCH USE FOR SSMA, 8 IN, LBS HEX SIZE 1/4
PE5011-7 PASTERNACK-PE5011-7 Datasheet
181Kb / 1P
PRESET TORQUE WRENCH USE FOR N 14 IN,LBS HEX SIZE 20mm
PE5019-2 PASTERNACK-PE5019-2 Datasheet
248Kb / 2P
Break-Over Torque Wrench With 5/16 Bit
PE5019-6 PASTERNACK-PE5019-6 Datasheet
252Kb / 2P
Break-Over Torque Wrench With 25/32 Bit
PE5019-12 PASTERNACK-PE5019-12 Datasheet
247Kb / 2P
Break-Over Torque Wrench With 5/32 Bit
logo
Mallory Sonalert Produc...
SCE028XD2SP1B MSPI-SCE028XD2SP1B Datasheet
54Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
SCE120LA3CTB MSPI-SCE120LA3CTB Datasheet
55Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
SC110Q MSPI-SC110Q Datasheet
46Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com