Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-SSMC1 Datasheet (PDF) - Infinite Electronics International, Inc.

ST-SSMC1 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST-SSMC1
Download  ST-SSMC1 Download
File Size   380.28 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ST-SSMC1 DATA SHEET SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs

ST-SSMC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST-SSMC1 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST-SSMC1
Download  ST-SSMC1 Click to download

File Size   380.28 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ST-SSMC1 DATA SHEET SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs

ST-SSMC1 Datasheet (HTML) - Infinite Electronics International, Inc.




Similar Part No. - ST-SSMC1

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST-SSMC FAIRVIEW-ST-SSMC Datasheet
386Kb / 2P
ST-SSMC DATA SHEET SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs
REV 2.2
ST-SSMC-532-BO2 FAIRVIEW-ST-SSMC-532-BO2 Datasheet
451Kb / 2P
SSMC Fixed Torque Wrench in Break-Over Type 5/32 inch Bit that is Pre-set to 2 in-lbs
REV 1.4
ST-SSMC2 FAIRVIEW-ST-SSMC2 Datasheet
490Kb / 2P
SSMC Fixed Torque Wrench in Screwdriver Type 5/32 inch Bit that is Pre-set to 2 in-lbs
REV 1.2A
More results


Similar Description - ST-SSMC1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5011-1 PASTERNACK-PE5011-1 Datasheet
220Kb / 1P
PRESET TORQUE WRENCH USE FOR SMA, 2,9mm AND 3,5mm 8 IN LBS HEX SIZE 5/16
PE5011-4 PASTERNACK-PE5011-4 Datasheet
73Kb / 1P
PRESET TORQUE WRENCH USE FIR TNC(HEX NUT), 14 IN LBS, HEX SIZ 5/8
PE5011-5 PASTERNACK-PE5011-5 Datasheet
217Kb / 1P
PRESET TORQUE WRENCH USE FOR SSMA, 8 IN, LBS HEX SIZE 1/4
PE5011-7 PASTERNACK-PE5011-7 Datasheet
181Kb / 1P
PRESET TORQUE WRENCH USE FOR N 14 IN,LBS HEX SIZE 20mm
PE5019-2 PASTERNACK-PE5019-2 Datasheet
248Kb / 2P
Break-Over Torque Wrench With 5/16 Bit
PE5019-6 PASTERNACK-PE5019-6 Datasheet
252Kb / 2P
Break-Over Torque Wrench With 25/32 Bit
PE5019-12 PASTERNACK-PE5019-12 Datasheet
247Kb / 2P
Break-Over Torque Wrench With 5/32 Bit
logo
Mallory Sonalert Produc...
SCE028XD2SP1B MSPI-SCE028XD2SP1B Datasheet
54Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
SCE120LA3CTB MSPI-SCE120LA3CTB Datasheet
55Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
SC110Q MSPI-SC110Q Datasheet
46Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com