Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPB1003 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPB1003 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPB1003
Download  FMPB1003 Download
File Size   696.78 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Coaxial RF GS Probe with 1,500 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount

FMPB1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPB1003 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPB1003
Download  FMPB1003 Click to download

File Size   696.78 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Coaxial RF GS Probe with 1,500 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount

FMPB1003 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPB1003 Product details

Features
• 20 GHz Performance
• Good Return Loss of 10 dB
• Convenient Cable Mount
• Gold Plated GS Contacts
• Applications:
• S-parameter Probing
• RF Coaxial Probing
• Signal Integrity Measurements
• Device Characterization
• Coplanar Waveguide Probing
• FMPB1003
• DATA SHEET




Similar Part No. - FMPB1003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPB1000 FAIRVIEW-FMPB1000 Datasheet
747Kb / 7P
Coaxial RF GSG Probe with 800 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1001 FAIRVIEW-FMPB1001 Datasheet
701Kb / 7P
Coaxial RF GSG Probe with 1,500 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1002 FAIRVIEW-FMPB1002 Datasheet
732Kb / 7P
Coaxial RF GS Probe with 800 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1004 FAIRVIEW-FMPB1004 Datasheet
263Kb / 3P
Coaxial RF GSG Probe with 800 Micron Pitch Up to 40 GHz with 2.92mm Interface and Cable Mount
REV B
FMPB1005 FAIRVIEW-FMPB1005 Datasheet
772Kb / 6P
Coaxial RF GSG Probe with 1,500 Micron Pitch Up to 40 GHz with 2.92mm Interface and Cable Mount
REV 1.0
More results


Similar Description - FMPB1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6174 PASTERNACK-PE6174_16 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
PE2PB1000 PASTERNACK-PE2PB1000 Datasheet
743Kb / 8P
RF Coaxial GSG Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1001 PASTERNACK-PE2PB1001 Datasheet
711Kb / 8P
RF Coaxial GSG Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1002 PASTERNACK-PE2PB1002 Datasheet
729Kb / 8P
RF Coaxial GS Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1003 PASTERNACK-PE2PB1003 Datasheet
707Kb / 8P
RF Coaxial GS Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1004 PASTERNACK-PE2PB1004 Datasheet
837Kb / 7P
RF Coaxial GSG Probe
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
RF Coaxial GS Probe
logo
E+E Elektronik Ges.m.b....
EE072 EPLUSE-EE072 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Digital Interface
03-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com