Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPB1004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPB1004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPB1004
Download  FMPB1004 Download
File Size   263.98 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Coaxial RF GSG Probe with 800 Micron Pitch Up to 40 GHz with 2.92mm Interface and Cable Mount

FMPB1004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPB1004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPB1004
Download  FMPB1004 Click to download

File Size   263.98 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Coaxial RF GSG Probe with 800 Micron Pitch Up to 40 GHz with 2.92mm Interface and Cable Mount

FMPB1004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPB1004 Product details

Features
• 40 GHz Performance
• Good Return Loss of 10 dB
• Convenient Cable Mount
• Gold Plated GSG Contacts
• Applications
• S-parameter Probing
• RF Coaxial Probing
• Signal Integrity Measurements
• Device Characterization
• Coplanar Waveguide Probing
• Description
• Coaxial RF GSG probe, part number FMPB1004, from Fairview Microwave is in-stock and ships same day. This probe is part of a full family
• of GS (SG) and GSG probe versions that are well suited for PCB probing, device characterization and RF probing on test fixtures. The probes
• easily connect to a RF coaxial cable to connect RF test equipment, including network analyzers, spectrum analyzers, signal sources or BERTs.
• While they are designed to be used manually with a coaxial cable assembly, they can also be used with Fairview Microwave’s optional probe
• positioner for added stability and probe repeatability. Differential measurements are also possible by using pairs of RF GSG probes in tandem
• with skew matched cable assemblies.
• Fairview’s coaxial RF GSG probe datasheet specifications and outline drawing are shown in this PDF fellow. Our extensive offering of RF,
• microwave and millimeter wave interconnects allows designers to configure and customize their signal connections however they like. From
• making consistent RF probe measurements or probing and characterizing PCBs, Fairview Microwave has the right probing and connection
• solutions to meet your needs.




Similar Part No. - FMPB1004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPB1000 FAIRVIEW-FMPB1000 Datasheet
747Kb / 7P
Coaxial RF GSG Probe with 800 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1001 FAIRVIEW-FMPB1001 Datasheet
701Kb / 7P
Coaxial RF GSG Probe with 1,500 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1002 FAIRVIEW-FMPB1002 Datasheet
732Kb / 7P
Coaxial RF GS Probe with 800 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1003 FAIRVIEW-FMPB1003 Datasheet
696Kb / 7P
Coaxial RF GS Probe with 1,500 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1005 FAIRVIEW-FMPB1005 Datasheet
772Kb / 6P
Coaxial RF GSG Probe with 1,500 Micron Pitch Up to 40 GHz with 2.92mm Interface and Cable Mount
REV 1.0
More results


Similar Description - FMPB1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6086 PASTERNACK-PE6086 Datasheet
350Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz
PE6085 PASTERNACK-PE6085_16 Datasheet
416Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6086 PASTERNACK-PE6086_16 Datasheet
420Kb / 4P
0.5 Watt RF Load with Chain Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6087 PASTERNACK-PE6087_16 Datasheet
417Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Female Passivated Stainless Steel
PE2PB1000 PASTERNACK-PE2PB1000 Datasheet
743Kb / 8P
RF Coaxial GSG Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1001 PASTERNACK-PE2PB1001 Datasheet
711Kb / 8P
RF Coaxial GSG Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1002 PASTERNACK-PE2PB1002 Datasheet
729Kb / 8P
RF Coaxial GS Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1003 PASTERNACK-PE2PB1003 Datasheet
707Kb / 8P
RF Coaxial GS Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1004 PASTERNACK-PE2PB1004 Datasheet
837Kb / 7P
RF Coaxial GSG Probe
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
RF Coaxial GSG Probe
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com