Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U15P Datasheet (PDF) - YORKVILLE

U15P Datasheet PDF - YORKVILLE
Part # U15P
Download  U15P Download
File Size   292.21 Kbytes
Page   3 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description Three-Way

U15P Datasheet (PDF)

Go To PDF Page Download Datasheet
U15P Datasheet PDF - YORKVILLE

Part # U15P
Download  U15P Click to download

File Size   292.21 Kbytes
Page   3 Pages
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE
Description Three-Way

U15P Datasheet (HTML) - YORKVILLE


U15P Product details

Features
• Integrated 1800 Watt Amplifier (1000 Watts Program)
• Unique 60° x 60° Unity™ horn assembly combines mid and
high frequency drivers on conical horn
• Max SPL 135dB Peak (129dB Continuous)
• Tri-Amplified Power Module
• 15-inch Woofer / 3 x 5-inch Midrange Drivers / 1-inch
Compression Driver
• All four component drivers mounted in a Unity™ horn are
mechanically time-aligned to measure and act like a
single point source
• No self-interference between individual components
• Nine rigging points and internal standmount adapter allow
for all possible mounting and flying configurations
• 15mm 11-ply birch cabinet construction.
• Made in Canada




Similar Part No. - U15P

ManufacturerPart #DatasheetDescription
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
More results


Similar Description - U15P

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
Three-Way Ballast Controller
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
Three-Way Ballast Controller
logo
M/A-COM Technology Solu...
DS-117-308 MA-COM-DS-117-308 Datasheet
76Kb / 3P
Three-Way Power Divider
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3H-50 MA-COM-M3H-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
logo
Pulse A Technitrol Comp...
DASSPLIT3WNF PULSE-DASSPLIT3WNF Datasheet
396Kb / 1P
Three Way Power Splitter
logo
Shenzhen Putianhe Techn...
TM1804 PTH-TM1804 Datasheet
580Kb / 11P
Three-way LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com