Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSC1002 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSC1002 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSC1002
Download  FMSC1002 Download
File Size   552.97 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3.5mm Female Short Circuit Calibration Kit Component for General Purpose Up to 8.5 GHz

FMSC1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSC1002 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSC1002
Download  FMSC1002 Click to download

File Size   552.97 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3.5mm Female Short Circuit Calibration Kit Component for General Purpose Up to 8.5 GHz

FMSC1002 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSC1002 Product details

Features
• Functional from DC to 8.5 GHz
• See FMCK1001 for full
• standard kit which includes
• (8) 3.5mm short-open-load-
• thru (SOLT) components
• Suitable for many 50 Ohm
• network analyzers including,
• but not limited to:
• Agilent / HP (8711/8712,
• 8713/8714, 8753,
• E5061A, E5062A, E5061B,
• E5071C, E5072A)
• Anritsu / Advantest (MS2028S,
• MS2026S, MS2025S, MS2024S,
• MS2038C, MS2036C,
• MS2035B, MS2034B,
• MS4640B, R3755A, R3760)
• Copper Mountain (5048,
• 804, 304, 818, 814)
• Deviser (NA7300A, NA7100A)
• EI41(AV3656A)
• OuFu (OF7631A, OF7633A)
• PNA (PNA3766, PNA3767)
• Rohde & Schwarz
• (ZVL, ZVC, ZVB)
• Tianda (TD3616C, TD3617E,
• TD3618C, TD3619C)
• Applications:
• VNA, Full 2-Port CAL
• VNA, Thru CAL
• VNA, Substitution CAL Method
• Test & Measurement
• Lab Equipment Accessories
• Engineering Test and Evaluation
• General Purpose Test
• and Evaluation




Similar Part No. - FMSC1002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSC1000 FAIRVIEW-FMSC1000 Datasheet
549Kb / 4P
3.5mm Female Short Circuit Calibration Kit Component for General Purpose Up to 26.5 GHz
REV 1.0
FMSC1004 FAIRVIEW-FMSC1004 Datasheet
549Kb / 4P
75 Ohm F Female Short Circuit Calibration Kit Component for General Purpose Up to 3 GHz
REV 1.0
More results


Similar Description - FMSC1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC1000 PASTERNACK-PE5SC1000 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC1002 PASTERNACK-PE5SC1002 Datasheet
419Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC1003 PASTERNACK-PE5SC1003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC2002 PASTERNACK-PE5SC2002 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC2003 PASTERNACK-PE5SC2003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3002 PASTERNACK-PE5SC3002 Datasheet
583Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3004 PASTERNACK-PE5SC3004 Datasheet
578Kb / 6P
3.5mm Male General Purpose Calibration Kit Component Thru Operating From DC to 8.5 GHz
PE5TR1002 PASTERNACK-PE5TR1002 Datasheet
478Kb / 5P
3.5mm Female General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
PE5SC1001 PASTERNACK-PE5SC1001 Datasheet
418Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com