Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSC1004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSC1004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSC1004
Download  FMSC1004 Download
File Size   549.99 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 75 Ohm F Female Short Circuit Calibration Kit Component for General Purpose Up to 3 GHz

FMSC1004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSC1004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSC1004
Download  FMSC1004 Click to download

File Size   549.99 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 75 Ohm F Female Short Circuit Calibration Kit Component for General Purpose Up to 3 GHz

FMSC1004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSC1004 Product details

Features
• Functional from DC to 3 GHz
• See FMCK1002 for full
• standard kit which includes
• (7) F Type short-open-load-
• thru (SOLT) components
• Suitable for many 75 Ohm
• network analyzers including,
• but not limited to:
• Agilent / HP (8711/8713/8714,
• 8753E-075, E5061A,
• E5062A, E 5061B)
• Rohde & Schwarz (R&S ZVL3-
• 75 [9KHz - 3GHz, Built-in
• 85039B Calibration Kit Option])
• Tianda (TD3618C/E)
• OuFu (OF7631B, OF7633B)
• Copper Mountain (7530)
• Deviser (NA7300B, NA7100B)
• EI41 (AV36580A)
• PNA (PNA3766)
• Applications:
• VNA, Full 2-Port CAL
• VNA, Thru CAL
• VNA, Substitution CAL Method
• Test & Measurement
• Lab Equipment Accessories
• Engineering Test and Evaluation
• General Purpose Test
• and Evaluation




Similar Part No. - FMSC1004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSC1000 FAIRVIEW-FMSC1000 Datasheet
549Kb / 4P
3.5mm Female Short Circuit Calibration Kit Component for General Purpose Up to 26.5 GHz
REV 1.0
FMSC1002 FAIRVIEW-FMSC1002 Datasheet
552Kb / 4P
3.5mm Female Short Circuit Calibration Kit Component for General Purpose Up to 8.5 GHz
REV 1.0
More results


Similar Description - FMSC1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC1000 PASTERNACK-PE5SC1000 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC1002 PASTERNACK-PE5SC1002 Datasheet
419Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC1003 PASTERNACK-PE5SC1003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC1004 PASTERNACK-PE5SC1004 Datasheet
419Kb / 4P
75 Ohm F Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 3 GHz
PE5SC1005 PASTERNACK-PE5SC1005 Datasheet
419Kb / 4P
75 Ohm F Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 3 GHz
PE5SC2004 PASTERNACK-PE5SC2004 Datasheet
418Kb / 4P
75 Ohm F Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
PE5SC2005 PASTERNACK-PE5SC2005 Datasheet
419Kb / 4P
75 Ohm F Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
PE5SC3005 PASTERNACK-PE5SC3005 Datasheet
581Kb / 6P
75 Ohm F General Purpose Calibration Kit
PE5TR1004 PASTERNACK-PE5TR1004 Datasheet
508Kb / 5P
75 Ohm F Female General Purpose Calibration Kit Component Load Operating From DC to 3 GHz
PE5TR1005 PASTERNACK-PE5TR1005 Datasheet
507Kb / 5P
75 Ohm F Male General Purpose Calibration Kit Component Load Operating From DC to 3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com