Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSC3000 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSC3000 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSC3000
Download  FMSC3000 Download
File Size   718.72 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3.5mm Thru Calibration Kit Component for General Purpose Up to 26.5 GHz

FMSC3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSC3000 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSC3000
Download  FMSC3000 Click to download

File Size   718.72 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3.5mm Thru Calibration Kit Component for General Purpose Up to 26.5 GHz

FMSC3000 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSC3000 Product details

Features
• Functional from DC to 26.5 GHz
• See FMCK1000 for full
• standard kit which includes
• (9) 3.5mm short-open-load-
• thru (SOLT) components
• Suitable for many 50 Ohm
• network analyzers including,
• but not limited to:
• Agilent / HP (N5222A/24A,
• N5225A/27A, N5232A,
• N5234A/35A, N5242A/44A,
• N5245/47A)
• Rohde & Schwarz (ZVB, ZNB)
• Anritsu (MS2038C, MS2028C,
• MS2027C, MS4640B)
• Applications:
• VNA, Full 2-Port CAL
• VNA, Thru CAL
• VNA, Substitution CAL Method
• Test & Measurement
• Lab Equipment Accessories
• Engineering Test and Evaluation
• General Purpose Test
• and Evaluation




Similar Part No. - FMSC3000

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSC3003 FAIRVIEW-FMSC3003 Datasheet
694Kb / 5P
3.5mm Female Thru Calibration Kit Component for General Purpose Up to 8.5 GHz
REV 1.0
FMSC3005 FAIRVIEW-FMSC3005 Datasheet
722Kb / 5P
75 Ohm F Thru Calibration Kit Component for General Purpose Up to 3 GHz
REV 1.0
More results


Similar Description - FMSC3000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5500-KIT PASTERNACK-PE5500-KIT Datasheet
88Kb / 1P
3.5mm, 26.5 GHz VNA Calibration Kit
PE5SC1000 PASTERNACK-PE5SC1000 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC2000 PASTERNACK-PE5SC2000 Datasheet
417Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2001 PASTERNACK-PE5SC2001 Datasheet
417Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC3000 PASTERNACK-PE5SC3000 Datasheet
581Kb / 6P
3.5mm General Purpose Calibration Kit Component Thru Operating From DC to 26.5 GHz
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3002 PASTERNACK-PE5SC3002 Datasheet
583Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3004 PASTERNACK-PE5SC3004 Datasheet
578Kb / 6P
3.5mm Male General Purpose Calibration Kit Component Thru Operating From DC to 8.5 GHz
PE5TR1002 PASTERNACK-PE5TR1002 Datasheet
478Kb / 5P
3.5mm Female General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
PE5SC1001 PASTERNACK-PE5SC1001 Datasheet
418Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com